Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFD4-I/9-LS3R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFD4-I/9-LS3R
Description  SUBMINIATURE HIGH LOAD RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD4-I/9-LS3R Datasheet(HTML) 1 Page - Hongfa Technology

  HFD4-I/9-LS3R Datasheet HTML 1Page - Hongfa Technology HFD4-I/9-LS3R Datasheet HTML 2Page - Hongfa Technology HFD4-I/9-LS3R Datasheet HTML 3Page - Hongfa Technology HFD4-I/9-LS3R Datasheet HTML 4Page - Hongfa Technology HFD4-I/9-LS3R Datasheet HTML 5Page - Hongfa Technology HFD4-I/9-LS3R Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8<77ZEG 0JGG o`qs =?1
9<77Z0Xdkdbnqch`1
Xdqlhm`shnm
Ymhs vdhfgs
:lrl`w5
:lrl`w5
4;7 sn ?<
<- sn ?<- VL
>:<l6r
9
@?7l6r
9
87Ly z <<Ly :5:ll HE
87Ly z <<Ly <57ll HE
HMT3 WQX
Eooqnw5 75?f
Jhkd Rn5AI8::;?8
Mmctbshud
kn`c0:1
5 Wtqfd vhsgrs`mc btqqdms to sn :5<E0Z`khc u`ktd1
5 Eu`hk`akd hm `bbnqc`mbd vhsg MIG =7::<48
5 Pnv onvdq bnmrtloshnm
5 Whmfkd rhcd rs`akd `mc k`sbghmf sxod `u`hk`akd
Qnhrstqd rdmrhshuhsx kdudkr0nmkx enq
WQX sxod3NIHIG4WXH47971
QWP4:
Tk`rshb rd`kdc
8w87
< STW
^Mmqtrg btqqdms :5<E 09<7lr1 6 rsd`cx rs`sd btqqdms
8E :7ZEG bnr ~C75;_
^Vnnl sdlodq`stqd3 8rA @r3 svn rdsr ne mnql`kkx
nodm bnms`bsr hm o`q`kkdk `mc bnmmdbsdc sn sgd kn`c3
Gnms`bs oktrXZW oqnsdbshnm_
8w87
<nor0?< 68rnm @rnee69E :7ZHG1
<w87
;nor0;7 68rnm @rnee6:E :7ZHG1
8w87
<nor0?< 68rnm @rnee675:E 89<ZEG1
<w87
;nor0?< 68rnm @rnee68E 89<ZEG1
\swkvO 81 Xgd c`s` rgnvm `anud `qd hmhsh`k u`ktdr5
91 Qhm5 `ookhb`akd kn`c hrqdedqdmbd u`ktd5 Tkd`rd odqenql sgd
bnmehql`shnm sdrs vhsg sgd `bst`k kn`c adenqd oqnctbshnm rhmbd
qdedqdmbd u`ktd l`x bg`mfd `bbnqchmf sn rvhsbghmf eqdptdmbhdr3
dmuhqnmldms`k bnmchshnmr `mc dwodbsdc bnms`bs qdrhrs`mbd `mc
qdkh`ahkhsx5
:1 Xvn rdsrne mnql`kkx nodm bnms`bsrhm o`q`kkdk vhqhmf ch`fq`l5
Hdrsqtbshud
Hdrsqtbshud
Gnmrsqtbshnm
\swkvO81 Smkx sxohb`k kn`cr `qd khrsdc `anud5 Ssgdq kn`c rodbhehb`shnmr
b`m ad `u`hk`akd tonm qdptdrs5Emc cheedqdms kn`cr bntkc g`ud
\swkvO 81 Xgd c`s` rgnvm `anud `qd hmhsh`k u`ktdr5
91 YP hmrtk`shnm rxrsdlAbk`rr J
Whkudq `kknx
2 Et ok`sdc
Whkudq `kknx
2 Et ok`sdc
cheedqdms vhqhmf ldsgncr5
LSRKJE VIPE]
MWS@7783MWS6XW8=@;@3MWS8;7783SLWEW8?7783MIGU UG 7?7777 GIVXMJMJ
Hhdkdbsqhb
rsqdmfsg
Fdsvddm nodm bnms`bsr 08768=7}r1
Fdsvddm bnhk .bnms`bsr 09687}r1
Fdsvddm bnhk .bnms`bsr
Wgnbj
qdrhrs`mbd
Jtmbshnm`k
Wdd ,GSMP HEXE,
Wdd ,GSMP HEXE,
9E :7ZHG 0`s ?< 1
:E :7ZHG 0`s ;7 1
8E 89<ZEG 0`s ?< 1
8081E 89<ZEG0`s >7 1
9797 Vdu5 8578
Jhkd Rn5AV<7:::9>7
>7O l`w50Es 9E kn`c ?< dmuhqnmldms1
Zhaq`shnm
qdrhrs`mbd
XZ48 89<ZEG0`s ;7 1
9E :7ZHG 0`s ?< 1
:E :7ZHG 0`s ;7 1
8E 89<ZEG 0`s ?< 1
Gnms`bs `qq`mfdldms
Gnms`bs q`shmf
0Vdr5 kn`c1
Gnms`bs qdrhrs`mbd
Whmfkd rhcd rs`akd
8 bnhk k`sbghmf
Gnhk onvdq
Xdlodq`stqd
qhrd
Fdsvddm nodm bnms`bsr
Fdsvddm bnms`bsrrdsr
Jtmbshnm`k
Ukgwxukv
_sW` isqtpngrw
8
9
:
;
<
=
>
?
XZW
kn`c
9G
877l l`w5 087lE :7lZHG1
Whkudq `kknx 2 Et ok`sdc
9<7ZEG 6 997ZHG
9E :7ZHG
:E :7ZHG
75:E 89<ZEG
WUSNJX
`bQ[X\XPab_TWXVW Z]PS _TZPf
8777Q 0<77ZHG1
8=77ZEG 8lhm
><7ZEG 8lhm
8?77ZEG 8lhm
Mmrtk`shnm qdrhrs`mbd
Wtqfd vhsgrs`mc vnks`fd
bZKRbZ
8E 89<ZEG
Sodq`sd shld 0rds shld1
Vdkd`rd shld 0Vdrds shld1
Elahdms sdlodq`stqd
Ltlhchsx
abc
Q`w5 rvhsbghmf unks`fd
Gnms`bs l`sdqh`k
Q`w5 rvhsbghmf onvdq
Qdbg`mhb`k dmctq`mbd
Ikdbsqhb`k
dmctq`mbd
Q`w5 rvhsbghmf btqqdms
Qhm5 `ookhb`akd kn`c
Vdrhrshud
kn`c
R]XZ
RWP_PRaT_X`aXR`
R]\aPRa SPaP
`PUTaf P^^_]cPZ _PaX\V`
:5<E0:7ZEG1
0Z`khc u`ktd 3Xvn rdsr ne mnql`kkx
nodm bnms`bsrhm o`q`kkdk 1
89<ZE6@7[
<Z 8lE
8w87>STW


Similar Part No. - HFD4-I/9-LS3R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4-V HONGFA-HFD4-V Datasheet
777Kb / 5P
SUBMINIATURE HIGH DIELECTRIC STRENGTH SIGNAL RELAY
HFD4-V/1.5-LS1R HONGFA-HFD4-V/1.5-LS1R Datasheet
777Kb / 5P
SUBMINIATURE HIGH DIELECTRIC STRENGTH SIGNAL RELAY
HFD4-V/1.5-LSR HONGFA-HFD4-V/1.5-LSR Datasheet
777Kb / 5P
SUBMINIATURE HIGH DIELECTRIC STRENGTH SIGNAL RELAY
HFD4-V/12-LS1R HONGFA-HFD4-V/12-LS1R Datasheet
777Kb / 5P
SUBMINIATURE HIGH DIELECTRIC STRENGTH SIGNAL RELAY
HFD4-V/12-LSR HONGFA-HFD4-V/12-LSR Datasheet
777Kb / 5P
SUBMINIATURE HIGH DIELECTRIC STRENGTH SIGNAL RELAY
More results

Similar Description - HFD4-I/9-LS3R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQC-21FF ETC1-JQC-21FF Datasheet
286Kb / 2P
SUBMINIATURE HIGH POWER RELAY
logo
Hongfa Technology
HF25F HONGFA-HF25F Datasheet
90Kb / 4P
SUBMINIATURE HIGH POWER RELAY
HF3FA HONGFA-HF3FA Datasheet
61Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF3FD HONGFA-HF3FD Datasheet
60Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF3FA215 HONGFA-HF3FA215 Datasheet
61Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF3FA HONGFA-HF3FA Datasheet
61Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF25F HONGFA-HF25F Datasheet
83Kb / 4P
SUBMINIATURE HIGH POWER RELAY
HF21FF HONGFA-HF21FF Datasheet
54Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF12FF HONGFA-HF12FF Datasheet
54Kb / 3P
SUBMINIATURE HIGH OPWER RELAY
HFD3-VI HONGFA-HFD3-VI Datasheet
1Mb / 9P
SUBMINIATURE HIGH INSULATION RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com