Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFD4-I/9-LS3R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFD4-I/9-LS3R
Description  SUBMINIATURE HIGH LOAD RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD4-I/9-LS3R Datasheet(HTML) 2 Page - Hongfa Technology

  HFD4-I/9-LS3R Datasheet HTML 1Page - Hongfa Technology HFD4-I/9-LS3R Datasheet HTML 2Page - Hongfa Technology HFD4-I/9-LS3R Datasheet HTML 3Page - Hongfa Technology HFD4-I/9-LS3R Datasheet HTML 4Page - Hongfa Technology HFD4-I/9-LS3R Datasheet HTML 5Page - Hongfa Technology HFD4-I/9-LS3R Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EB<;?A
l[
C=:F
ZHG
EB<;?A
l[
>@:F
ZHG
\swkvO
:1 Xgd btrsnldq rodbh`k qdpthqdldms dwoqdrr `r rodbh`k bncd `esdq du`kt`shmf ax Lnmfe`5
81 V sxod 0s`od `mc qddk1 o`bjhmf hr lnhrstqd4oqnne vghbg lddsr qdpthqdldms ne QWP4:5 Tkd`rd bgnnrd V sxod o`bjhmf enq WQX oqnctbsr5
Jnq V sxod3 sgd kdssdq ,V, vhkk nmkx ad oqhmsdc nm o`bjhmf s`f ats mns nm qdk`x bnudq5 Xtad o`bjhmf hrmnql`kkx mns `u`hk`akd enq WQX
oqnctbsr tmkdrr rodbh`kkx qdptdrsdc ax btrsnldq5 Fts okd`rd mnsd sg`s stad o`bjhmf hr mns lnhrstqd4oqnne rn okd`rd a`jd sgd oqnctbsr
adenqd trd `bbnqchmf sn cdrbqhoshnm ne Rnshbd 87 gdqdvhsg5 Mm `cchshnm3 stad o`bj`fhmf vhkk ad `cnosdc vgdm sgd nqcdqhmf pt`mshsx ne V
sxod hrdpt`k sn nq kdrrsg`m 877 ohdbdrtmkdrrnsgdqvhrd rodbhehdc5
91 [gdm bnhk rnqs3 bnms`bs l`sdqh`k3 sdqlhm`k sxod nq o`bjhmf rsxkd `qd mddcdc3 okd`dr `cc ,4, `esdq bnhk unks`fd hr rdkdbsdc5 Jnq hmrs`mbd3
LJH;4M6894WV5
\swkvO 81Smkx sxob`k kn`cr `qd khrsdc `anud5Ssgdq kn`c rodbhehb`shnmr b`m ad `u`hk`akd tonm qdptdrs5
91[gdm trdq/rqdpthqdldmsrb`m/s ad entmc hm sgd `anud s`akd3rodbh`k nqcdq `kknvdc5
:1Mm b`rd <Z ne sq`mrhrsnq cqhud bhqbths3 hs hr qdbnlldmcdc sn trd ;5<Z sxod qdk`x3 `mc :Z sn trd 95;Z sxod qdk`x5
;1 Jnq oqnctbsr sg`s rgntkc ldds sgd dwoknrhnm4oqnne qdpthqdldmsr ne ,MIG =77>@ rdqhdr,3okd`rd mnsd ^Iw_ `esdq sgd rodbhehb`shnm vghkd ok`bhmf
nqcdqr5Rns `kk oqnctbsr g`ud dwoknrhnm4oqnne bdqshehb`shnm3rn okd`rd bnms`bs tr he mdbdrr`qx3 hm nqcdq sn rdkdbs sgd rths`akd oqnctbsr5
81
LJH; 4M685<
LJH; 4M695;
LJH; 4M6:
LJH; 4M6;5<
LJH; 4M6<
LJH; 4M6=
LJH; 4M6@
LJH; 4M689
LJH; 4M69;
85<
95;
:
;5<
<
=
@
89
9;
3858:
385?
3959<
3:5:?
3:5><
3;5<
3=5><
3@
38?
4758<
4759;
475:
475;<
475<
475=
475@
4859
495;
959
:5=
;5<
=5>
>5<
@
8:5<
8?
:=
8= w08 87-1
;8 w08 87-1
=;5: w08 87-1
8;< w08 87-1
8>? w08 87-1
9<> w08 87-1
<>@ w08 87-1
879? w08 87-1
9??7 w08 87-1
8;7
8;7
8;7
8;7
8;7
8;7
8;7
8;7
977
LJH; 4M685<4P
LJH; 4M695;4P
LJH; 4M6:4P
LJH; 4M6;5<4P
LJH; 4M6<4P
LJH; 4M6=4P
LJH; 4M6@4P
LJH; 4M6894P
LJH; 4M69;4P
85<
95;
:
;5<
<
=
@
89
9;
3858:
385?
3959<
3:5:?
3:5><
3;5<
3=5><
3@
38?
3858:
385?
3959<
3:5:?
3:5><
3;5<
3=5><
3@
38?
:
;5?
=
@
87
89
8?
9;
:=
995< w08 87-1
<>5= w08 87-1
@7 w08 87-1
9795< w08 87-1
9<7 w08 87-1
:=7 w08 87-1
?87 w08 87-1
8;;7 w08 87-1
9??7 w08 87-1
877
877
877
877
877
877
877
877
977
`tkingp isjk:1
0\\\1
LJH;4M6
9;
4P
V
W
]_ST_X\V X\U]_[PaX]\
Rsnp yspwglk
85<3 95;3 :3 ;5<3 <3 =3 @3 893 9;ZHG
`suw
aztk
ZO 8 bnhk k`sbghmf
\npO Whmfkd rhcd rs`akd
_O X`od `mc qddk o`bjhmf 0Smkx enq WQX sxod1
\npO Xtad o`bjhmf0Smkx enq HMT sxod1
^gionrl vwzpk
eeeO Gtrsnldq rodbh`k qdpthqdldms
\npO Ws`mc`qc
akuqnrgp wztk
`O Ws`mc`qc WQX
`LO Wgnqs sdqlhm`k WQX
L isnp pgwimnrl
Rnlhm`k
Znks`fd
ZHG
Gnhk
Gncd
Gnhk
Vdrhrs`mbd
Rnlhm`k
Tnvdq
l[
`ooqnw5
Wds
Znks`fd
ZHG
l`w5
Vdrds
Znks`fd
ZHG
l`w5
Q`w5
Znks`fd
ZHG
R]XZ SPaP
`nrlpk vnjk vwghpk
Rnlhm`k
Znks`fd
ZHG
Gnhk
Gncd
Thbj4to
Znks`fd
ZHG
l`w5
Hqno4nts
Znks`fd
ZHG
lhm5
Q`w5
Znks`fd
ZHG
Gnhk
Vdrhrs`mbd
Rnlhm`k
Tnvdq
l[
`ooqnw5
`s 9:
`MO N4kdfrWQX
\npO HMT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com