Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDEDC2220 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LDEDC2220
Description  PEN-PET H.T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LDEDC2220 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LDEDC2220 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 4Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 5Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 6Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 7Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CAPACITANCE AND VOLTAGE RANGE
PEN HIGH VOLTAGE - STANDARD VERSION
Size table
Rated
400Vdc/160Vac
Qty
630Vdc/200Vac
Qty
Rated
Cap.
size
H
per
size
H
per
Cap.
size
code
H
max
Part Number
reel
size
code
H
max
Part Number
reel
0.010
μF
22.20
2.3
LDEMD2100 - A5- 0
3000
22.20
2.3
LDEPD2100 - A5- 0
3000
0.012
μF
22.20
2.3
LDEMD2120 - A5- 0
3000
22.20
2.3
LDEPD2120 - A5- 0
3000
0.015
μF
22.20
2.3
LDEMD2150 - A5- 0
3000
22.20
3.3
LDEPD2150 - A5- 0
2250
0.018
μF
22.20
2.3
LDEMD2180 - A5- 0
3000
22.20
3.3
LDEPD2180 - A5- 0
2250
0.022
μF
22.20
2.3
LDEMD2220 - A5- 0
3000
22.20
4.2
LDEPD2220 - A5- 0
1750
0.027
μF
22.20
2.3
LDEMD2270 - A5- 0
3000
28.24
3.5
LDEPE2270 - A5- 0
2250
0.033
μF
22.20
3.3
LDEMD2330 - A5- 0
2250
28.24
3.5
LDEPE2330 - A5- 0
2250
0.039
μF
22.20
3.3
LDEMD2390 - A5- 0
2250
28.24
4.5
LDEPE2390 - A5- 0
1750
0.047
μF
22.20
4.2
LDEMD2470 - A5- 0
1750
28.24
5.4
LDEPE2470 - A5- 0
1500
0.056
μF
22.20
4.2
LDEMD2560 - A5- 0
1750
40.30
3.6
LDEPF2560 - A5- 0
1500
0.068
μF
28.24
3.5
LDEME2680 - A5- 0
2250
40.30
3.6
LDEPF2680 - A5- 0
1500
0.082
μF
28.24
4.5
LDEME2820 - A5- 0
1750
40.30
4.5
LDEPF2820 - A5- 0
1250
0.10
μF
28.24
5.4
LDEME3100 - A5- 0
1500
40.30
5.4
LDEPF3100 - A5- 0
1000
0.12
μF
40.30
3.6
LDEMF3120 - A5- 0
1500
50.40
3.6
LDEPG3120 - A5- 0
1500
0.15
μF
40.30
4.5
LDEMF3150 - A5- 0
1250
50.40
4.5
LDEPG3150 - A5- 0
1250
0.18
μF
40.30
4.5
LDEMF3180 - A5- 0
1250
50.40
5.5
LDEPG3180 - A5- 0
1000
0.22
μF
50.40
3.6
LDEMG3220- A5- 0
1500
60.54
4.5
LDEPH3220 - A5- 0
750
0.27
μF
50.40
4.5
LDEMG3270- A5- 0
1250
60.54
4.5
LDEPH3270 - A5- 0
750
0.33
μF
50.40
5.5
LDEMG3330- A5- 0
1000
0.39
μF
60.54
3.6
LDEMH3390 - A5- 0
1000
0.47
μF
60.54
4.5
LDEMH3470 - A5- 0
750
0.56
μF
60.54
5.5
LDEMH3560 - A5- 0
750
Tolerance: J (
5%)
Packing: N (Tape); M (Loose)
Size conversion and tolerances
Size code
12.06
12.10
18.12
22.20
28.24
40.30
50.40
60.54
L
(mm)
3.2
0.3
3.2
0.3
4.5
0.5
5.7
0.5
7.1
0.5
10.2
0.6
12.7
0.6
15.2
0.6
W
(mm)
1.6
0.3
2.5
0.3
3.2
0.5
5.1
0.5
6.1
0.5
7.6
0.8
10.2
0.8
13.7
0.8
LDE Series
PEN -- PET H.T.
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com