Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDEDC2220 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LDEDC2220
Description  PEN-PET H.T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LDEDC2220 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LDEDC2220 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 4Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 5Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 6Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 7Page - List of Unclassifed Manufacturers LDEDC2220 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT CODE SYSTEM
The part number, comprising 14 digits, is formed as follows:
12
3
4
5
6
7
8
9
10 11 12 13 14
LD
E
--
--
--
--
--
--
--
--
--
--
--
Digit 1 to 3
Series code (L = leadless; DE = polyester family)
Digit 4
d.c. or a.c. rated voltage (VR).
C = 50Vdc
D =
63Vdc
E
=100Vdc
I = 250Vdc
M = 400Vdc
P
=630Vdc
Digit 5
Size code:
12.06 12.10 18.12 22.20 28.24 40.30 50.40 60.54
A
B
C
D
E
F
G
H
Digits 6 to 9 Digits 7 - 8 - 9 indicate the first three digits of
Capacitance value and the 6th digit indicates
the number of zeros that must be added to obtain the
Rated Capacitance in pF.
Digit 10
Capacitance tolerance:
5% (J); 10% (K); 20% (M)
Digit 11
Dielectric (A = PEN; B = PET H.T.)
Digit 12
Version (0 = miniature; 5 = standard; A to Z = special)
Digit 13
Packing (Loose = M; Tape = N; A to Z = special)
Digit 14
Internal use.
PACKAGING
SSSS Taping and packaging characteristics
Tape
Reel
Film Chip
Size
Chip dimensions
Tape and Reel characteristics
Packaging
q.ties
Size
code
Tape dimensions
Reel dimensions
Reel
Loose
code
L
W
Hmax
A0
B0
K0
W
P
T
∅
W1
W2
Reel
Loose
(mm)
(mm)
(mm)
(mm)
(mm)
(mm)
(mm)
(μm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
12.06
3.2
1.6
1.1
2.00
3.60
1.30
8
4
300
180
8
12
3000
2000
12.10
3.2
2.5
1.5--2.0
2.90
3.60
2.10
8
4
300
180
8
12
2250
2000
18.12
4.5
3.2
1.7
2.3--2.6
3.50
4.00
5.10
5.30
2.00
2.60
12
12
8
8
300
330
12
12
16
4000
3000
1500
22.20
5.7
5.1
2.3--2.7
3.3
4.2--4.4
5.40
5.40
5.40
6.20
6.20
6.20
2.90
3.80
4.90
12
12
12
8
8
8
300
300
400
330
330
330
12
12
12
16
3000
2250
1750
1500
28.24
7.1
6.1
3.5
4.5
5.4
6.60
6.60
6.60
7.90
7.90
7.90
3.80
4.60
5.50
16
16
16
8
8
8
300
400
400
330
330
330
16
16
16
20
2250
1750
1500
1000
40.30
10.2
7.6
3.6
4.5
5.4--5.6
8.40
8.40
8.60
11.00
11.00
11.00
3.80
4.60
5.80
16
16
16
12
12
12
300
400
400
330
330
330
16
16
16
20
1500
1250
1000
1000
50.40
12.7
10.2
3.6
4--4.5
5.5--5.7
10.90
10.90
11.00
13.50
13.50
13.50
3.80
4.70
5.90
24
24
24
12
12
12
300
400
500
330
330
330
24
24
24
28
1500
1250
1000
500
60.54
15.2
13.7
3.6
4.5--4.9
5.5--5.7
14.40
14.40
14.40
16.00
16.00
16.00
4.30
5.10
5.80
24
24
24
16
16
16
400
400
500
330
330
330
24
24
24
28
1000
750
750
500
All dimensions are in mm.
In accordance with IEC 60286-3.
Material used:
- Carrier tape:
antistatic material
- Cover tape:
polyester + PE
- Reel:
recyclable polystyrene
All parts in bulk or on reel are packed in hermetically sealed moisture barrier bag (MBB).
LDE Series
PEN -- PET H.T.
Code example:
12 3 4 5 6 78 9 10 11 12 13 14
LD E
5 N
CD 34
70 JA
--
Series
Size code (D = 22.20)
Dielectric (A = PEN)
Version (5 = standard)
Packing (N= Tape)
Internal use
Capacitance = 0.47μF
Tolerance (J = 5%)
Rated voltage (C = 50Vdc)
1


Similar Part No. - LDEDC2220

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDEDC2560-A5 KEMET-LDEDC2560-A5 Datasheet
1Mb / 16P
SMD Film Capacitors Catalogue
LDEDC2560JA0N00 KEMET-LDEDC2560JA0N00 Datasheet
1Mb / 20P
Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
LDEDC2560JA5N00 KEMET-LDEDC2560JA5N00 Datasheet
1Mb / 20P
Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
LDEDC2560KA0N00 KEMET-LDEDC2560KA0N00 Datasheet
1Mb / 20P
Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
LDEDC2560KA5N00 KEMET-LDEDC2560KA5N00 Datasheet
1Mb / 20P
Surface Mount Polyethylene Naphthalate (PEN) Film Capacitor
More results

Similar Description - LDEDC2220

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
PET FR530
ETD34-K-H-14P-DS FERYSTER-ETD34-K-H-14P-DS Datasheet
424Kb / 1P
PET Polyethylene Terephthalate
ETD39-K-H-16P-DS FERYSTER-ETD39-K-H-16P-DS Datasheet
378Kb / 1P
PET Polyethylene Terephthalate
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
PET FR530
logo
Cornell Dubilier Electr...
225K100RA3-FA CDE-225K100RA3-FA Datasheet
220Kb / 4P
Radial PET Film Capacitors
logo
Panasonic Semiconductor
ET-PEN100 PANASONIC-ET-PEN100 Datasheet
40Kb / 1P
Interactive pen
logo
PHOENIX CONTACT
2701379 PHOENIX-2701379 Datasheet
47Kb / 1P
Touch pen - TOUCH PEN
0815211 PHOENIX-0815211 Datasheet
56Kb / 3P
Disposable pen, non-refillable - P-PEN
09/11/2020
5067828 PHOENIX-5067828 Datasheet
62Kb / 3P
Marker pen - CMS-PEN 0,35
09/12/2020
5146686 PHOENIX-5146686 Datasheet
53Kb / 3P
Marker pen - CMS-DISPOSABLE-PEN 0,35 TR
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com