Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA14442 Datasheet(PDF) 6 Page - Ledil, Inc.

Part # CA14442
Description  ~50째 wide beam
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14442 Datasheet(HTML) 6 Page - Ledil, Inc.

Back Button CA14442 Datasheet HTML 2Page - Ledil, Inc. CA14442 Datasheet HTML 3Page - Ledil, Inc. CA14442 Datasheet HTML 4Page - Ledil, Inc. CA14442 Datasheet HTML 5Page - Ledil, Inc. CA14442 Datasheet HTML 6Page - Ledil, Inc. CA14442 Datasheet HTML 7Page - Ledil, Inc. CA14442 Datasheet HTML 8Page - Ledil, Inc. CA14442 Datasheet HTML 9Page - Ledil, Inc. CA14442 Datasheet HTML 10Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PRODUCT
DATASHEET
CA14442_VERONICA-SQ-W
PHOTOMETRIC DATA (MEASURED):
LED
LUXEON 3030 2D (Square LES)
FWHM
42.0°
Efficiency
83 %
Peak intensity
1.4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
LUXEON 5050 Round LES
FWHM
41.0°
Efficiency
90 %
Peak intensity
1.4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
LUXEON A
FWHM
50.0°
Efficiency
79 %
Peak intensity
1 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
LUXEON MZ
FWHM
41.0°
Efficiency
83 %
Peak intensity
1.4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
Last update: 28/05/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com