Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA14442 Datasheet(PDF) 10 Page - Ledil, Inc.

Part # CA14442
Description  ~50째 wide beam
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14442 Datasheet(HTML) 10 Page - Ledil, Inc.

Back Button CA14442 Datasheet HTML 6Page - Ledil, Inc. CA14442 Datasheet HTML 7Page - Ledil, Inc. CA14442 Datasheet HTML 8Page - Ledil, Inc. CA14442 Datasheet HTML 9Page - Ledil, Inc. CA14442 Datasheet HTML 10Page - Ledil, Inc. CA14442 Datasheet HTML 11Page - Ledil, Inc. CA14442 Datasheet HTML 12Page - Ledil, Inc. CA14442 Datasheet HTML 13Page - Ledil, Inc. CA14442 Datasheet HTML 14Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PRODUCT
DATASHEET
CA14442_VERONICA-SQ-W
PHOTOMETRIC DATA (MEASURED):
LED
OSLON Square PC
FWHM
48.0°
Efficiency
79 %
Peak intensity
1.1 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
OSLON SSL 80
FWHM
46.0°
Efficiency
80 %
Peak intensity
1.1 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
LH181A
FWHM
34.0°
Efficiency
87 %
Peak intensity
1.7 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
LH181B
FWHM
37.0°
Efficiency
90 %
Peak intensity
1.6 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
Last update: 28/05/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com