Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R87F Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # R87F
Description  Optimum Cooling with a Comprehensive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87F Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button R87F Datasheet HTML 3Page - Omron Electronics LLC R87F Datasheet HTML 4Page - Omron Electronics LLC R87F Datasheet HTML 5Page - Omron Electronics LLC R87F Datasheet HTML 6Page - Omron Electronics LLC R87F Datasheet HTML 7Page - Omron Electronics LLC R87F Datasheet HTML 8Page - Omron Electronics LLC R87F Datasheet HTML 9Page - Omron Electronics LLC R87F Datasheet HTML 10Page - Omron Electronics LLC R87F Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
R87F/R87T
Flow Rate and Static Pressure Characteristics (Reference Values)
v
Note: For details on measurement conditions, refer to Flow Rate and Static Pressure on Safety Precautions for All Axial Fans.
Dimensions
(Unit: mm)
c
Options
R87F-A
@A93HP
R87F-A
@A93LP
Name
Model
Datasheet available
Plug Cord
R87F-PC
Refer to page 24.
Finger Guard
R87F-FG90
Refer to page 25.
Filter
R87F-FL90
Refer to page 26.
Flow rate: Q (m3/min)
60 Hz
50 Hz
10
20
30
40
50
60
70
0
0
0.2
0.4
0.6
0.8
1.0
60 Hz
50 Hz
10
20
30
50
40
0
0
0.2
0.4
0.6
0.8
1.0
Flow rate: Q (m3/min)
7.8
M4 screw: 0.7 pitch
9
2.8
Six, 4.3 dia.
Two, 3.2±0.15 dia.
4±0.3
4±0.3
25±0.5
92±0.5
82.5±0.3
92±0.5
82.5±0.3
Direction of flow
Direction of rotation
Screw hole for grounding
Terminal shape
Faston #110 terminal
(or equivalent)
Four, 4.5 dia.
Four, 4.5 dia.
82.5±0.3
89
82.5±0.3
82.5±0.3
82.5±0.3
89
98 dia.
89 dia.
Outlet
Inlet
Panel cutting reference dimensions (note 3 mounting holes)
Panel Cutouts
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com