Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R87F Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # R87F
Description  Optimum Cooling with a Comprehensive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87F Datasheet(HTML) 2 Page - Omron Electronics LLC

  R87F Datasheet HTML 1Page - Omron Electronics LLC R87F Datasheet HTML 2Page - Omron Electronics LLC R87F Datasheet HTML 3Page - Omron Electronics LLC R87F Datasheet HTML 4Page - Omron Electronics LLC R87F Datasheet HTML 5Page - Omron Electronics LLC R87F Datasheet HTML 6Page - Omron Electronics LLC R87F Datasheet HTML 7Page - Omron Electronics LLC R87F Datasheet HTML 8Page - Omron Electronics LLC R87F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
AC Axial Fans with Lead Wires (80
× 80 × t25 mm)
R87F-A
@A83
Specifications
Ratings and Ordering Information
Note: An asterisk (
*) indicates a nominal value.
Characteristics
Item
Rated
voltage
(V)
Permitted
voltage
fluctuation
range (%)
Frequency
(Hz)
Rated
current
(A)
*
Rated input
(W)
*
Rated
rotational
speed
(r/min)
*
Maximum
flow rate
(m3/min)
*
Maximum
static
pressure
(Pa)
*
Noise (dB)
*
Model
50 Hz 60 Hz 50 Hz 60 Hz 50 Hz 60 Hz 50 Hz 60Hz 50 Hz 60 Hz 50 Hz 60 Hz
R87F-A1A83H
100 VAC
85% to 110%
rated voltage 50/60
0.097 0.080
76
2,600 3,000 0.6
0.7
39.2
53.9
32
36
R87F-A3A83H
115 VAC
0.085 0.070
R87F-A4A83H
200 VAC
0.048 0.041
R87F-A6A83H
230 VAC
0.046 0.039
R87F-A1A83L
100 VAC
85% to 110%
rated voltage 50/60
0.063 0.055
54
1,900 2,100 0.4
0.5
19.5
23.5
28
30
R87F-A3A83L
115 VAC
0.055 0.048
R87F-A4A83L
200 VAC
0.033 0.030
R87F-A6A83L
230 VAC
0.028 0.024
Motor type
Single-phase shading coil induction motor (2-pole, open type)
Terminal type
Lead wires
Insulation class
IEC class B (130
°C)
UL class A (105
°C)
CSA class A (105
°C)
Insulation resistance
100 M
Ω min. (at 500 VDC) between all power supply connections and uncharged metal parts.
Insulation withstand voltage
2,000 VAC (1 minute) between all power supply connections and uncharged metal parts.
Ambient operating temperature
−30 to 70°C (no icing)
Ambient storage temperature
−40 to 85°C (no icing)
Ambient humidity
25% to 85%
Protection
Impedance protection
Materials
Frame: Die-cast aluminum
Blades: Glass polycarbonate
Bearings
Ball bearings
Weight
Approx. 230 g
Compliant standards
EN/IEC 60335 (CE marking compliant)
Certified standards
UL/CSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com