Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DPX1202A1 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PI3DPX1202A1
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A1 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PI3DPX1202A1 Datasheet HTML 6Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 7Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 8Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 9Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 10Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 11Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 12Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 13Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
10 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
3.2
Pin Description
Pin #
Pin Name
I/O
Description
35
AUTO_EQ
(PI3DPX1202A2) Input
Auto EQ Selection pin. Auto EQ has 3 modes. EQ (Pin 40) can select one of the
Auto EQ modes. This pin is internally biased to 50% of VDD33 (M = VDD/2).
"1": Enable
"0": Disable
"M": Please refer to the Functional Truth table
35
NC
(PI3DPX1202A1) NC
Non connection pin. Internally Pull-up tied to 3.3V VDD. This pin does not bond-
out to package.
1
VDD33
Power
3.3V power supply
2
NC
NC
Do Not Connect. Leave this pin floating.
3
OC1/I2C_ADDR
Shared
Shared pin. Pulled-up internally with 100 kΩ
"I2C_ADDR": SMBus control address pin
"OC1": Voltage Swing control bit 1
4
OP0/SCL_CTL
Shared
Shared pin. Internally pulled-up with 100 kΩ
"SCL_CTL": SMBus Clock
"OP0": Pre-emphasis control bit 1
5
OP1/SDA_CTL
Shared
Shared pin. Internally pulled-up with 100 kΩ
"SDA_CTL" : SMBus Data
"OP1" : Pre-emphasis control bit 0
6
VDD33
Power
3.3V power supply
7
CNTRL
Input
Primary Control Pin for Auto-configuration or Fine-tuning boost mode
"0" : SMBus mode
"M" : Aux listener mode (Default)
"1" : Pin strap mode.
8
CAD_SRC
Output
Cable Adapter Detection pin from source side
"0": no cable adapter; enable DP redriver mode with AUX listening and link
training active
"1": Installed cable adapter; enable TMDS redriver mode and disable AUX inter-
ception
9
HPD_SRC
Output
Hot Plug detect pin to source-side. 3.3V CMOS output. Active High
10
CAD_SNK
Input
Cable detect pin from sink-side. 1MΩ pull-down resister must be connected for
proper cable detection
11
HPD_SNK
Input
Hot Plug Detect pin from the sink-side.
Internally 200 kΩ Pull-down.
12
VDD33
Power
3.3V power supply
13
OUT3N
Output
Main Link 3 data 100 Ω Differential negative output.
14
OUT3P
Output
Main Link 3 data 100 Ω Differential positive output
15
NC
NC
Do Not Connect
16
OUT2N
Output
Main Link 2 data 100 Ω Differential negative output
17
OUT2P
Output
Main Link 2 data 100 Ω Differential positive output
18
GND
Ground
Ground
19
OUT1N
Output
Main Link 1 data 100 Ω Differential negative output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com