Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DPX1202A1 Datasheet(PDF) 24 Page - Diodes Incorporated

Part # PI3DPX1202A1
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A1 Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button PI3DPX1202A1 Datasheet HTML 20Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 21Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 22Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 23Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 24Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 25Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 26Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 27Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 28Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
24 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
SMBus
Registers
AUX
Registers
Description
Default
value
DP Ac-
cess
0x04
DPCD Lane 0 status
Aux operation
00103h
TRAINING_LANE0_SET
Link Training Control_Lane0
Bits1:0 = DRIVE_CURRENT_SET
00 – Training Pattern 1 w/ drive current level 1
01 – Training Pattern 1 w/ drive current level 2
10 – Training Pattern 1 w/ drive current level 3
11 – Training Pattern 1 w/ drive current level 4
Bit2 = MAX_CURRENT_REACHED
Set to 1 when the maximum driven current setting is reached.
Note: Support of programmable drive current is optional. For example if there is only 1
level, then program Bits2:0 to 100 to indicate to the receiver that Level 1 is the maximum
drive current. Support of independent drive current controlfor each lane is also optional.
Bit4:3 = PRE-EMPHASIS_SET
00 = Training Pattern 2 w/o pre-emphasis
01 = Training Pattern 2 w/ pre-emphasis level 1
10 = Training Pattern 2 w/ pre-emphasis level 2
11 = Training Pattern 2 w/ pre-emphasis level 3
Bit5 = MAX_PRE-EMPHASIS_REACHED
00h
R/W
0x05
DPCD Lane 1 status
Aux operation
00104h
Lane setting for lane 1.
The definition is the same as lane 0
00h
R/W
0x06
DPCD Lane 2 status
Aux operation
00105h
Lane setting for lane 2.
The definition is the same as lane 0
00h
R/W
0x07
DPCD Lane 3 status
Aux operation
00106h
Lane setting for lane 3.
The definition is the same as lane 0
00h
R/W
0x08
00107h
DOWNSPREAD_CTRL : Down-spreading control
Bit 3:0 = RESERVED. Read all 0’s
Bits 4 = SPREAD_AMP Spreading amplitude
0 = No downspread
1 = Equal to or less than 0.5% down spread
Bit 7:5 = RESERVED. Read all 0’s.
Note: Write 00h to declare to the receiver that there is no down-spreading. The modulation
frequency must be in the range of 30kHz ~ 33kHz
00h
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com