Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD360 Datasheet(PDF) 38 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 38 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 34Page - Microchip Technology UPD360 Datasheet HTML 35Page - Microchip Technology UPD360 Datasheet HTML 36Page - Microchip Technology UPD360 Datasheet HTML 37Page - Microchip Technology UPD360 Datasheet HTML 38Page - Microchip Technology UPD360 Datasheet HTML 39Page - Microchip Technology UPD360 Datasheet HTML 40Page - Microchip Technology UPD360 Datasheet HTML 41Page - Microchip Technology UPD360 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 221 page
background image
UPD360
DS00002084C-page 38
 2016-2017 Microchip Technology Inc.
8.2.1
PIO SIMULTANEOUS UPDATE
A mechanism has been incorporated to enable multiple PIOs to be updated simultaneously. This is desirable to simplify
software and prevent devices controlled by the UPD360 from entering an intermediary unknown state. Of particular con-
cern would be devices responsible for managing power.
The Configure PIOx Registers (CFG_PIOx) CSR is updated by this function. When the simultaneous update request is
accepted by hardware, the contents of the PIO registers are simultaneously updated.
The example below illustrates simultaneous PIO update operation:
1.
Software changes Configure PIOx Update Registers (CFG_PIOx_UPD) as required.
2.
Software changes Configure PIO Output Update Register (CFG_PIO_OUT_UPD) as required.
3.
Software sets the Configure PIOx Update Registers (CFG_PIOx_UPD) to initiate the update.
4.
A pending PIO override blocks acceptance of the update request. Only after the pending PIO override function
is cleared will the device clear PIO_UPD_REQ. The pending PIO override is cleared via the PIO Override Enable
Register (PIO_OVR_EN).
5.
After the update is accepted, PIO_UPD_REQ clears automatically.
APPLICATION NOTE: If a PIO override is pending, the PIO simultaneous update is blocked.
8.2.2
PIO OVERRIDE
8.2.2.1
Overview
A mechanism is defined in this section to enable the state of a PIO to be changed without software intervention. This
provides a mechanism to instantaneously disable a power circuit, controlled by a UPD360 PIO, based upon a change
in the state of a selected PIO input, OCS detection or other event.
8.2.2.2
Description
Four override functions are included in device. For each function, a PIO or other source must be selected for monitoring
via the corresponding PIO Override x Source Select Registers (PIO_OVRx_SRC_SEL). The value to be monitored is
set in the PIO Override Monitor Value Register (PIO_OVR_MON_VAL) and is compared with the state of the respective
PIO. When these values match for an override, the enabled PIO outputs change their state accordingly.
PIO outputs controlled by an override are enabled by the PIO Override x Output Enable Registers (PIO_OVRx-
_OUT_EN). Each override has an instance in this register. A PIO may be used across multiple overrides.
Firmware can be notified that an override was executed via assertion of PIO_OVERRIDE_INT in the Interrupt Status
Register (INT_STS), if Interrupt Enable Register (INT_EN) is appropriately configured.
Note:
The Configure PIO Output Update Register (CFG_PIO_OUT_UPD) and Configure PIOx Update Registers
(CFG_PIOx_UPD) must be programmed consistently by software. If the output value bits are different
between the two registers, then the value in Configure PIOx Update Registers (CFG_PIOx_UPD) will be
used for updating the Configure PIOx Registers (CFG_PIOx) and the respective bit in Configure PIO Out-
put Register (CFG_PIO_OUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com