Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD360 Datasheet(PDF) 9 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 9 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 5Page - Microchip Technology UPD360 Datasheet HTML 6Page - Microchip Technology UPD360 Datasheet HTML 7Page - Microchip Technology UPD360 Datasheet HTML 8Page - Microchip Technology UPD360 Datasheet HTML 9Page - Microchip Technology UPD360 Datasheet HTML 10Page - Microchip Technology UPD360 Datasheet HTML 11Page - Microchip Technology UPD360 Datasheet HTML 12Page - Microchip Technology UPD360 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 9
UPD360
3.0
BALL DESCRIPTIONS AND CONFIGURATION
3.1
Ball Assignments
The ball assignments for the UPD360-A/UPD360-B are detailed in Section 3.1.1, "UPD360-A/UPD360-B Ball Assign-
ments," on page 9. The ball assignments for the UPD360-C are detailed in Section 3.1.1, "UPD360-A/UPD360-B Ball
Assignments," on page 9. For information on the differences between the UPD360 family of devices, refer to Section
2.2, "UPD360 Family Differences Summary," on page 8.
3.1.1
UPD360-A/UPD360-B BALL ASSIGNMENTS
The device ball diagram for the UPD360-A/UPD360-B can be seen in Figure 3-1. Table 3-1 provides a UPD360-A/
UPD360-B ball assignment table. Ball descriptions are provided in Section 3.2, "Ball Descriptions".
FIGURE 3-1:
UPD360-A/UPD360-B BALL ASSIGNMENTS (TOP VIEW)
VBUS
VBUS
CC2
CC1
CFG_SEL 0
Top of UPD360-A/UPD360-B 44-WFBGA Package
A
B
C
D
E
12
34
5
6
VS
VBUS_DET
CC2_DB_EN
CC1_DB_EN
OCS_COMP1
VS
GPIO9*
VSS
NC
GPO10*
VSS
VSS
GPIO13*
GPIO11*/
DISCHARGE
VSS
GPIO 14*
VDD33IO
GPIO5
GPIO7
GPIO4
7
GPIO15*
GPIO12*
GPIO 8
RESET_N
GPIO 6
3V3_ALW
VSW
F
G
PWR_DN
3V3_VBUS
VDD33IO
VDD18_CAP
IRQ_N
I2C_DAT
CFG_SEL 1
I2C_CLK
GPO1
GPIO0
GPIO3/HPD
GPIO 2/
OCS_COMP2
*The GPIO[9:15] balls provide alternate functions when in Standalone DFP or Standalone UFP modes
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com