Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD360 Datasheet(PDF) 120 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 120 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 116Page - Microchip Technology UPD360 Datasheet HTML 117Page - Microchip Technology UPD360 Datasheet HTML 118Page - Microchip Technology UPD360 Datasheet HTML 119Page - Microchip Technology UPD360 Datasheet HTML 120Page - Microchip Technology UPD360 Datasheet HTML 121Page - Microchip Technology UPD360 Datasheet HTML 122Page - Microchip Technology UPD360 Datasheet HTML 123Page - Microchip Technology UPD360 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 221 page
background image
UPD360
DS00002084C-page 120
 2016-2017 Microchip Technology Inc.
The packet status and NBytes format are shown in Table 11-2 and Table 11-3, respectively.
When the device detects valid start-of-packet (SOP) signaling, the current write pointer is set to the write head pointer
plus 2. As packet data is received, it is written into the FIFO at the current write pointer and following each write the
current write pointer is incremented. The current write pointer points to the next location to be written. Upon reaching
the top of the RAM, the current write pointer wraps to 0. The byte count is maintained by the RX control block.
When a valid EOP is received and a good CRC residue is indicated by CRC logic, hardware will write the status (valid
bit and received SOP type) to the location addressed by the write head pointer and the number of received bytes to the
location addressed by the write head pointer plus one. SMBus mode will swap the data (and increment the number of
bytes). Following the writing of the status and length, the write head pointer is updated to the current write pointer and
the write head pointer plus one is updated to the current write pointer plus 1 (accounting for the wrap at the top of the
RAM).
If a valid EOP is not received and the bus becomes idle, then an abnormal termination is detected. In this case, the
packet is dropped, i.e., the device will not update the NBytes location or the Status location.
If a valid EOP is detected but the CRC generator indicates an invalid CRC, then the packet is corrupted. The device will
drop the packet and not update the NBytes location or the Status location.
If a more data is received than will fit in the FIFO, then an overrun is detected. The excess data does not get written into
the FIFO and the current write pointer is not incremented.
A separate test is made at the start of the packet to determine if there is sufficient room for the status and length bytes.
In the event of a “no room for header” condition, an overrun is detected. The excess data does not get written into the
FIFO and the current write pointer is not initialized.
If a packet has reached the maximum size allowed (as specified by the RX Maximum Packet Size Register (RX_MAX-
_SIZE)) and more data is received, then an oversize is detected. The excess data does not get written into the FIFO
and the current write pointer is not incremented.
TABLE 11-2:
RXQ STATUS FIELD
Bits
Description
Type
7
RESERVED
Always reads 0.
RO
6:4
RX_SOP_TYPE
This field indicates the SOP type that was received.
000b: SOP
001b: SOP'
010b: SOP''
011b: SOP'_Debug
100b: SOP''_Debug
101b - 111b: Reserved
RO
3:1
RESERVED
RO
0
Status
Status of queue data
0b: Data is invalid
1b: Data is valid
RO
TABLE 11-3:
RXQ NUMBER OF BYTES (NBYTES) FIELD
Bits
Description
Type
0
NBYTES
If EN_SMBUS_MODE is 0, this field represents the number of bytes of valid data in the
packet.
If EN_SMBUS_MODE is 1, this field represents the number of bytes of valid data in the
packet plus 1.
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com