Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD360 Datasheet(PDF) 125 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 125 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 121Page - Microchip Technology UPD360 Datasheet HTML 122Page - Microchip Technology UPD360 Datasheet HTML 123Page - Microchip Technology UPD360 Datasheet HTML 124Page - Microchip Technology UPD360 Datasheet HTML 125Page - Microchip Technology UPD360 Datasheet HTML 126Page - Microchip Technology UPD360 Datasheet HTML 127Page - Microchip Technology UPD360 Datasheet HTML 128Page - Microchip Technology UPD360 Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 125
UPD360
11.2.3.2
RX DES (De-serializer)
The RX DES converts the received serial bit stream from the CDR into 5bit symbols, identifies and generates start-of-
packet/end-of-packet/hard and cable reset signals, and decodes the symbols to 4b data.
11.2.3.2.1
SOP Detection
The SOP is detected by comparing the four most recently received 5-bit symbols to the expected SOP pattern. Per the
USB PD specification, detection of 3 of the 4 SOP symbols is sufficient. This is done by creating four unique groups
each containing three received symbols ({a,b,c}, {a,b,d}, {a,c,d} and {b,c,d}) with each group independently compared
to its respective symbols. Any successful match indicates an SOP.
There is a separate compare for each SOP type, enabled by the RX_SOP_ENABLE field in the RX Control Register B
(RX_CTL_B). The results are OR'ed. The SOP type is saved and used in the packet processing (auto reply, auto
response and queue status). Software is allowed to change the RX_SOP_ENABLE field at any time. The internal value
is held during active receive and updated from the register during idle time.
For generation of the RX_SOP interrupts in the RX SOP Interrupt Status Register (RX_SOP_IRQ_STAT), each SOP
detection is decoded but is not AND'ed with its RX_SOP_ENABLE.
11.2.3.2.2
Reset Detection
Hard and Cable resets are detected by comparing the four most recently received 5-bit symbols to the expected pat-
terns. Per the USB PD specification, detection of 3 of the 4 symbols is sufficient. This is done by creating four unique
groups each containing three received symbols ({a,b,c}, {a,b,d}, {a,c,d} and {b,c,d}) with each group independently com-
pared to its respective symbols. Any successful match indicates a Hard or Cable reset respectively.
Cable Reset must be enabled via the EN_CABLE_RESET bit in the RX Control Register A (RX_CTL_A).
11.2.3.3
RX CRC32
The receive data CRC32 is computed by the RX CRC32 module. The same logic used for TX CRC generation is utilized
to calculate the RX CRC.
The coded nibble data is streamed into the RX CRC32 one nibble at a time for CRC calculation. When the packet ends,
the output of this module represents the computed CRC for the received packet. A value of 0xC704_DD7B indicates a
good CRC. Detection of a valid EOP symbol latches the CRC value. The latched value is compared with the expected
good CRC residue value, which is used by the RX Queue to determine if the RX Queue status should be updated to
reflect valid data or not.
Note:
Note that only valid D-codes are processed to be written to the RX Queue. An invalid/reserved code is sim-
ply dropped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com