Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD360 Datasheet(PDF) 136 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 136 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 132Page - Microchip Technology UPD360 Datasheet HTML 133Page - Microchip Technology UPD360 Datasheet HTML 134Page - Microchip Technology UPD360 Datasheet HTML 135Page - Microchip Technology UPD360 Datasheet HTML 136Page - Microchip Technology UPD360 Datasheet HTML 137Page - Microchip Technology UPD360 Datasheet HTML 138Page - Microchip Technology UPD360 Datasheet HTML 139Page - Microchip Technology UPD360 Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 221 page
background image
UPD360
DS00002084C-page 136
 2016-2017 Microchip Technology Inc.
2
TX_HARD_RESET
Setting this bit to 1 together with the GO bit will cause hardware configured for
Auto Mode data processing to transmit a Hard Reset. Any data in the TX
Queue and related registers is ignored.
This bit is not applicable to Raw Mode data processing since a Hard Reset
packet can be explicitly specified in the TX Queue. It is ignored for Raw Mode.
This bit can only be set if the GO bit is not currently set.
This bit is cleared by hardware at end of packet transmission. This bit is reset
by assertion of PD_RESET. Software can only write 1 to this bit and therefore
can not clear it once set.
Note:
Hard Reset is not automatically retried (there is no feedback to indi-
cate a failure). It is up to software to perform Hard Reset retries.
Note:
This bit will be cleared upon completion of any packet transmis-
sion, so it should be set only after the GO bit is cleared after com-
pletion of the prior transmission.
W1S/SC
0b
1
ABORT
Setting this bit will abort the current transmission in progress as soon as pos-
sible. Writing a '0' has not effect.
Hardware does not latch this bit and it will read back as zero.
Hardware will finish the current nibble transmission, send EOP, and then ter-
minate transmission. If this bit is set during preamble phase, then the current
bit of the preamble will be completed prior to termination.
Software should use the TX_EOP status bit in the TX Interrupt Status Register
(TX_IRQ_STAT) to determine when the current packet has been terminated.
WO
0b
0
GO
Writing a 1 to this bit will:
• Start transmission of the packet in the TX queue on to the wire or:
• Send Hard Reset if the TX_HARD_RESET bit of this register is set and
data processing mode is set to Auto (i.e., the EN_RMDP bit in the TX
Control Register A (TX_CTL_A) is not set).
• Send Cable Reset if the TX_CABLE_RESET bit of this register is set and
data processing mode is set to Auto (i.e., the EN_RMDP bit in the TX
Control Register A (TX_CTL_A) is not set).
Hardware will clear this bit when transmission is complete. This bit is reset by
assertion of PD_RESET. Software can only write 1 to this bit and therefore
can not clear it once set. Clearing of this bit by hardware does not indicate the
message was sent successfully.
Hardware may detect bus collision and abort transmission. In this case, the
TX_ABORTED bit in the TX Interrupt Status Register (TX_IRQ_STAT) will be
set and an interrupt to MCU will be generated.
W1S/SC
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com