Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD360 Datasheet(PDF) 154 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 154 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 150Page - Microchip Technology UPD360 Datasheet HTML 151Page - Microchip Technology UPD360 Datasheet HTML 152Page - Microchip Technology UPD360 Datasheet HTML 153Page - Microchip Technology UPD360 Datasheet HTML 154Page - Microchip Technology UPD360 Datasheet HTML 155Page - Microchip Technology UPD360 Datasheet HTML 156Page - Microchip Technology UPD360 Datasheet HTML 157Page - Microchip Technology UPD360 Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 221 page
background image
UPD360
DS00002084C-page 154
 2016-2017 Microchip Technology Inc.
11.4.3.2
TX Interrupt Status Register (TX_IRQ_STAT)
This register reflects the status of various TX_IRQ_STAT sources. Whether an interrupt is generated or not depends on
the values in the TX Interrupt Enable Register (TX_IRQ_EN).
Bits in this register are set by hardware and must be cleared by software.
Address:
1A81h
Size:
8 bits
Bits
Description
Type
Default
7
AUTO_RSP_ABORTED
A TX auto-response message was aborted. Reason for why the TX was
aborted may be determined by reading the TX Auto-Response Abort Status
Register (TX_AR_ABORT_STAT).
R/W1C
0b
6
AUTO_RSP_SENT
Hardware has sent an auto-response. This bit is set when hardware is fin-
ished sending an auto-response.
R/W1C
0b
5
OK_TO_TX
It is now OK to transmit. This bit is set when OK_TO_TX bit in TX Control
Register B (TX_CTL_B) changes from 0 to 1 indicating that it is OK for soft-
ware to initiate transmission.
R/W1C
1b
4
CRC_RCV_TIMEOUT
CRC Receive Timer expired. This is a TX failure. This interrupt should be
enabled only when Automatic Retry Mode is disabled.
The EN_CRC_RCV_TMR bit in the RX Control Register A (RX_CTL_A) must
be set to enable the timer for use by software.
Note:
CRC Receive Timer is also used in BIST Mode to time reception of
BIST Error Count message.
R/W1C
0b
3
TX_EOP
Hardware is done sending a packet. Note this does not mean that a valid EOP
framing symbol was sent. It only means that packet transmission ended, i.e.,
transmitter was turned off.
This bit set after each TX attempt.
This can be used to signal when a Hard or Cable Reset is finished transmis-
sion since it does not have a GoodCRC response so the TX_DONE bit will not
be set - or if Auto Retry Mode is disabled in which case the hardware is done
when the transmitter turns off.
This bit is used by software to trigger internal timers. Software must be care-
fully when it enables/disables this interrupt because this bit is set after each
TX completion.
R/W1C
0b
2
TX_ABORTED
A TX message was aborted. Reason for why the TX was aborted may be
determined by reading the TX Abort Status Register (TX_ABORT_STAT).
R/W1C
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com