Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2ANY Datasheet(PDF) 3 Page - Texas Instruments

Part # USB2ANY
Description  Interface Adapter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB2ANY Datasheet(HTML) 3 Page - Texas Instruments

  USB2ANY Datasheet HTML 1Page - Texas Instruments USB2ANY Datasheet HTML 2Page - Texas Instruments USB2ANY Datasheet HTML 3Page - Texas Instruments USB2ANY Datasheet HTML 4Page - Texas Instruments USB2ANY Datasheet HTML 5Page - Texas Instruments USB2ANY Datasheet HTML 6Page - Texas Instruments USB2ANY Datasheet HTML 7Page - Texas Instruments USB2ANY Datasheet HTML 8Page - Texas Instruments USB2ANY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
Introduction
3
SNAU228 – January 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
USB2ANY Interface Adapter
1.3
FCC Warning
This equipment is intended for use in a laboratory test environment only. The equipment generates, uses,
and can radiate radio frequency energy and has not been tested for compliance with the limits of
computing devices pursuant to subpart J of part 15 of FCC rules, which are designed to provide
reasonable protection against radio frequency interference. Operation of this equipment in other
environments may cause interference with radio communications, in which case, the user, at their own
expense, is required to take whatever measures may be required to correct this interference.
1.4
Description
The USB2ANY is a small dongle intended to allow a computer to control an electronic evaluation module
(EVM) via a USB connection. These EVMs cannot normally connect directly to the computer because of
their specialized interfaces, which are typically supported on commercial computers.
The USB2ANY is a USB 2.0 device supporting several different interfaces, including:
13 general purpose input/output (GPIO) (shared) lines with switchable pullup or pulldown resistors
I
2C with programmable 1.5-kΩ pullup resistors
SPI – up to 8-MHz SCLK
UART (300 to 230,400 Baud)
Four analog inputs, 12-bit analog-to-digital converter (ADC)
Two analog outputs, 8-bit digital-to-analog converter (DAC)
Four PWM outputs
Several other interfaces
Switchable 3.3-V or 5-V power to DUT
The USB2ANY board can source regulated 3.3-V and 5.0-V DC power to the target device, up to a
maximum of 300 mA (combined 3.3 V and 5.0 V). The voltage outputs have built-in current sensing and
limiting circuits that protect both the EVM and the USB2ANY from overcurrent, shorts, and so forth.
The USB2ANY is shipped with a USB cable, a 10-pin cable (for most common interfaces), and a 30-pin
cable (for all supported interfaces).
Figure 1. USB2ANY and the Supplied Cables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com