Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2ANY Datasheet(PDF) 6 Page - Texas Instruments

Part # USB2ANY
Description  Interface Adapter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB2ANY Datasheet(HTML) 6 Page - Texas Instruments

Back Button USB2ANY Datasheet HTML 2Page - Texas Instruments USB2ANY Datasheet HTML 3Page - Texas Instruments USB2ANY Datasheet HTML 4Page - Texas Instruments USB2ANY Datasheet HTML 5Page - Texas Instruments USB2ANY Datasheet HTML 6Page - Texas Instruments USB2ANY Datasheet HTML 7Page - Texas Instruments USB2ANY Datasheet HTML 8Page - Texas Instruments USB2ANY Datasheet HTML 9Page - Texas Instruments USB2ANY Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Overview of Hardware Design
www.ti.com
6
SNAU228 – January 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
USB2ANY Interface Adapter
Figure 3. USB2ANY PCB
The Status LED indicates the status of the electronics and firmware, as follows:
Table 1. Status LEDs
LED State
Meaning
OFF
No power to the board. USB cable may be unplugged.
ON
Power is applied and the board is operating normally.
Blinking
A hardware, firmware, or USB error occurred. Board must be power-cycled.
NOTE:
The LED may also be programmed using the software API to be ON, OFF, or blinking. In
that case, the LED may not indicate the actual status of the electronics or firmware.
Switch S1 is used to put the firmware into bootstrap loader (BSL) mode. The BSL mode is used to load or
update the USB2ANY firmware and is entered whenever the board is powered-up while Switch S1 is
depressed.
The USB Mini-B (J2) connector is used to connect the USB2ANY to the host computer. A cable with a
USB Mini-B connector on one end and a USB A connector on the other end is provided with the
USB2ANY.
The JTAG connector (J1) is used only for firmware development and is normally not populated with a
physical connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com