Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPIO5 Datasheet(PDF) 27 Page - Microchip Technology

Part # GPIO5
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO5 Datasheet(HTML) 27 Page - Microchip Technology

Back Button GPIO5 Datasheet HTML 23Page - Microchip Technology GPIO5 Datasheet HTML 24Page - Microchip Technology GPIO5 Datasheet HTML 25Page - Microchip Technology GPIO5 Datasheet HTML 26Page - Microchip Technology GPIO5 Datasheet HTML 27Page - Microchip Technology GPIO5 Datasheet HTML 28Page - Microchip Technology GPIO5 Datasheet HTML 29Page - Microchip Technology GPIO5 Datasheet HTML 30Page - Microchip Technology GPIO5 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
 2016-2018 Microchip Technology Inc.
DS00002236D-page 27
USB5806
7.0
DEVICE INTERFACES
The USB5806 provides multiple interfaces for configuration and external memory access. This section details the vari-
ous device interfaces and their usage:
• SPI Master Interface
• SMBus Slave Interface
• I2C Bridge Interface
7.1
SPI Master Interface
The device is capable of code execution from an external SPI ROM. When configured for SPI Mode, on power up the
firmware looks for an external SPI flash device that contains a valid signature of 2DFU (device firmware upgrade) begin-
ning at address 0xFFFA. If a valid signature is found, then the external ROM is enabled and the code execution begins
at address 0x0000 in the external SPI device. If a valid signature is not found, then execution continues from internal
ROM.
7.2
SMBus Slave Interface
The device includes an integrated SMBus slave interface, which can be used to access internal device run time registers
or program the internal OTP memory. SMBus slave detection is accomplished by setting the CFG_STRAP in the correct
configuration followed by detection of pull-up resistors on both the SMDAT and SMCLK signals during the hub’s boot-
up sequence. Refer to Section 3.5.1, CFG_STRAP Configuration for additional information.
7.3
I2C Bridge Interface
The I2C Bridge interface implements a subset of the I2C Master Specification (Please refer to the Philips Semiconductor
Standard I2C-Bus Specification for details on I2C bus protocols). The I2C Bridge conforms to the Fast-Mode I2C Spec-
ification (400 kbit/s transfer rate and 7-bit addressing) for protocol and electrical compatibility. The device acts as the
master and generates the serial clock SCL, controls the bus access (determines which device acts as the transmitter
and which device acts as the receiver), and generates the START and STOP conditions. The I2C Bridge interface fre-
quency is configurable through the I2C Bridging commands. I2C Bridge frequencies are derived from the formula
626KHz/n, where n is any integer from 1 to 256. Refer to Section 3.5.1, CFG_STRAP Configuration for additional infor-
mation.
Note:
For details on how to enable each interface, refer to Section 3.5, Configuration Straps and Programmable
Functions.
For information on device connections, refer to Section 4.0, Device Connections. For information on device
configuration, refer to Section 6.0, Device Configuration.
Microchip provides a comprehensive software programming tool, Pro-Touch2, for configuring the USB5806
functions, registers and OTP memory. All configuration is to be performed via the Pro-Touch2 programming
tool. For additional information on the Pro-Touch2 programming tool, refer to Software Libraries within
Microchip USB5806 product page at www.microchip.com/USB5806.
Note:
For SPI timing information, refer to Section 9.6.7, SPI Timing.
Note:
All configuration is to be performed via the Pro-Touch2 programming tool. For additional information on the
Pro-Touch2 programming tool, refer to Software Libraries within Microchip USB5806 product page at
www.microchip.com/USB5806.
Note:
Extensions to the I2C Specification are not supported.
All configuration is to be performed via the Pro-Touch2 programming tool. For additional information on the
Pro-Touch2 programming tool, refer to Software Libraries within Microchip USB5806 product page at
www.microchip.com/USB5806.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com