Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPIO5 Datasheet(PDF) 40 Page - Microchip Technology

Part # GPIO5
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO5 Datasheet(HTML) 40 Page - Microchip Technology

Back Button GPIO5 Datasheet HTML 36Page - Microchip Technology GPIO5 Datasheet HTML 37Page - Microchip Technology GPIO5 Datasheet HTML 38Page - Microchip Technology GPIO5 Datasheet HTML 39Page - Microchip Technology GPIO5 Datasheet HTML 40Page - Microchip Technology GPIO5 Datasheet HTML 41Page - Microchip Technology GPIO5 Datasheet HTML 42Page - Microchip Technology GPIO5 Datasheet HTML 43Page - Microchip Technology GPIO5 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
USB5806
DS00002236D-page 40
 2016-2018 Microchip Technology Inc.
8.9.2
BILLBOARD ENDPOINT FUNCTIONALITY
When the applicable GPIOx pin is 0, which indicates that Billboard device must be displayed, the following sequence
of events will occur:
1.
USB5806 will force the Hub Feature Controller internal device to disconnect from the USB Hub port (emulating
a physical detach)
2.
USB5806 will force the Hub Feature Controller to re-connect with descriptors that will show the Hub Feature Con-
troller endpoint is a Billboard device, compliant to version 1.1 of the Billboard device class specification.
3.
USB5806 will start a timer (Timer A) when the Host sets the Hub Feature Controller USB address. This timer will
be used to ensure that the Billboard endpoint will not remain permanently attached if it is never accessed. The
default Timer A timeout is 20 seconds.
4.
This implementation will only support Billboard when a failure occurs, therefore the Device Container uses a
static list of device capabilities and will only expose the Billboard Device on failure to enter into Modal Operation
and will set the bmConfigured descriptor field to “Unspecified Error” (00b) by default.
5.
The Hub Feature Controller will Provide the iAlternateModeString when the host requests it, and will start a timer
(Timer B). The default Timer B timeout is 20 seconds.
6.
When either timer expires, the USB5806 will force the Hub Feature Controller internal device to disconnect from
the USB Hub port (emulating a physical detach).
7.
USB5806 will force the Hub Feature Controller to re-connect with the standard Hub Feature Controller Function-
ality.
TABLE 8-9:
USB BILLBOARD CONTROL
USBBILLBOARDCNTL
(OTP ADDR4 - RESET=0X14)
USB BILLBOARD CONTROL
BIT
NAME
R/W
DESCRIPTION
[7:6]
Reserved
R/W
Always read ‘0’
[5:1]
BILLBOARD_EN Pin
Select
R/W
00000= GPIO64
00001= GPIO1
00010= GPIO2
00011= GPIO3
00100= GPIO65
00101= GPIO66
00110= GPIO67
00111= GPIO23
01000= GPIO10
01001= Reserved
01010= GPIO68 (default)
01011= GPIO6
01100= GPIO69
01101= GPIO70
01110= GPIO71
01111= GPIO5
10000= GPIO4
[0]
Billboard Support Enable
R/W
0 = Billboard support disabled
1 = Billboard support enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com