Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJM2301PSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2301PSA
Description  P- Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2301PSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2301PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2301PSA Datasheet HTML 8Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Output Characteristics
VGS =1.5 V
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
VDS - Drain-to-Source Voltage (V)
VGS =5thru 2.5 V
VGS =1 V
VGS =2 V
Transfer Characteristics
0.00
0.25
0.50
0.75
1.00
0.0
0.3
0.6
0.9
1.2
1.5
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC = - 55 °C
ID - Drain Current (A)
On-Resistance vs. Drain Current and Gate Voltage
0.00
0.05
0.10
0.15
0.20
0
4
2
2
8
10
VGS =4.5 V
VGS =2.5 V
Capacitance
Crss
0
200
400
600
800
0
20
Ciss
5
10
15
VDS - Drain-to-Source Voltage (V)
Coss
Gate Charge
0
2
4
6
8
0
4
2
2
8
10
Qg - Total Gate Charge (nC)
A
ID =3
VDS =10 V
VDS =5 V
VDS =15 V
On-Resistance vs. Junction Temperature
0.7
0.9
1.1
1.3
1.5
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
VGS =1.8V
ID =2.8 A
VGS =4.5 V
3 / 8
PJM2301PSA
P- Enhancement Mode Field Effect Transistor
Typical Characteristics Curves
www.pingjingsemi.com
Revision:3.0 Mar-2020



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com