Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJM2309PSC Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2309PSC
Description  P-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2309PSC Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2309PSC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PJM2309PSC
P-Channel Power MOSFET
2 / 7
Electrical Characteristics (TC=25℃ unless otherwise specified)
Parameter
Symbol
Test Condition
Min.
Typ.
Max. Units
Static Characteristics
Drain-source breakdown voltage
-V(BR)DSS
VGS = 0V, ID=-
250µA
60
V
Drain to Source Leakage Current
-IDSS
VDS =-
60V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±
20V, VDS = 0V
±100
nA
Gate threshold voltage Note3
-VGS(th)
VDS =VGS, ID =-250µA
1.5
3
V
Drain-source on-resistance Note3
RDS(on)
VGS =-
10V, ID =-2A
180
mΩ
VGS =-
4.5V, ID =-1A
280
mΩ
Forward tran
sconductance Note3
gFS
VDS =-5V, ID =-
2A
6
S
Dynamic characteristics
Input Capacitance
Ciss
VDS = -
30V,VGS = 0V,f=1MHz
850
pF
Output Capacitance
Coss
65
Reverse Transfer Capacitance
Crss
28
Switching Characteristics
Turn-on delay time
td(on)
ID=-1A,
VDD=-30V,
VGS=-
10V,RGEN =3Ω,
RL =
7.5Ω,
7
ns
Turn-on rise time
tr
3
Turn-off delay time
td(off)
28
Turn-off fall time
tf
Total gate charge
Qg
VDD =-
30V,VGS =-10V,ID =-2A
5.5
nC
Gate-source charge
Qgs
2.5
Gate-drain charge
Qgd
6
Source-Drain Diode characteristics
Diode Forward voltage
-VDS
VGS =0V, IS=-
4A
1.2
V
22
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
www.pingjingsemi.com
Revision:1.
0 Jun-2019
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface mounted on FR4 board,t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com