Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJM2309PSC Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2309PSC
Description  P-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2309PSC Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2309PSC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PJM2309PSC
P-Channel Power MOSFET
3 / 7
Typical Characteristic Curves
Output Characteristics
Gate Charge
0
2
4
6
8
0
1234
5
VGS =10thru 5 V
VGS =3 V
VGS =4 V
VDS - Drain-to-Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
4
2
0
6
8
VGS =10 V
VGS =4.5 V
0
2
4
6
8
ID - Drain Current (A)
On-Resistance vs. Drain Current and Gate Voltage
10
0
5
VDS =45 V
ID =1.25A
VDS =30 V
VDS =15 V
Qg - Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
01
2
3
45
TC = 25 °C
TC = 125 °C
TC = - 55 °C
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
ID =1.25A
VGS =4.5 V
VGS =10 V
TJ -Junction Temperature (°C)
0
2
4
6
8
0.01
1000
TA = 25 °C
10
15
20
25
www.pingjingsemi.com
Revision:1.
0 Jun-2019
VGS - Gate-Source Voltage (V)
Transfer Characteristics
0.1
1
10
100
Time (s)
Single Pulse Power, Junction-to-Ambient



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com