Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4672SQ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SC4672SQ
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SC4672SQ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SC4672SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC4672SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC4672SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC4672SQ
NPN Transistor
www.pingjingsemi.com
1 / 3
Revison:1.0 July-2018
Features
⚫
Low saturation voltage
⚫
Excellent hFE characteristics
Absolute Maximum Ratings
Ratings at 25
℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
60
V
Collector Emitter Voltage
VCEO
50
V
Emitter Base Voltage
VEBO
6
V
Collector Current
IC
2
A
Power Dissipation
PD
500
mW
Maximum Junction-to-Ambient
RθJA
250
°C/W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Electrical Characteristics
Ratings at 25
℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 2 V, IC = 500 mA Current Gain Group
P
Q
R
HFE
82
120
180
40
-
-
-
40
180
270
390
40
-
Collector Base Cutoff Current
at VCB = 60 V
ICBO
-
-
0.1
μA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
-
0.1
μA
Collector Base Breakdown Voltage
at IC = 50
μA
V(BR)CBO
60
-
-
V
Collector Emitter Breakdown Voltage
at IC = 1 mA
V(BR)CEO
50
-
-
V
Emitter Base Breakdown Voltage
at IE = 50
μA
V(BR)EBO
6
-
-
V
Collector Emitter Saturation Voltage
at IC = 1 A, IB = 50 mA
VCE(sat)
-
-
0.35
V
Transition Frequency
at VCE = 2 V, IC = 0.5 A, f=100MHz
fT
-
210
-
MHz
Collector Output Capacitance
at VCB = 10 V, IE = 0, f = 1MHz
Cob
-
25
-
pF
SOT-89
1.
Base 2. Collector 3.Emitter
Marking: 4672-P
4672-Q
4672-R


Similar Part No. - 2SC4672SQ

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
58Kb / 3P
Low Frequency Transistor (50V, 3A)
logo
Unisonic Technologies
2SC4672 UTC-2SC4672 Datasheet
75Kb / 2P
LOW FREQUENCY TRANSISTOR (50V,2A)
logo
Guangdong Kexin Industr...
2SC4672 KEXIN-2SC4672 Datasheet
51Kb / 1P
Low Frequency Transistor
logo
SeCoS Halbleitertechnol...
2SC4672 SECOS-2SC4672 Datasheet
265Kb / 2P
NPN Silicon Epitaxial Silicon Tra nsistor
logo
Weitron Technology
2SC4672 WEITRON-2SC4672 Datasheet
265Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SC4672SQ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com