Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4672SQ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SC4672SQ
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SC4672SQ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SC4672SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC4672SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC4672SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC4672SQ
NPN Transistor
www.pingjingsemi.com
2 / 3
Revison:1.0 July-2018
0.1
10
1
10
100
1000
0.1
1
0
100
200
300
0.2
0.4
1.0
1.2
0.1
1
0
25
125
150
0
100
200
300
400
500
600
0.1
1
0.0
0.1
0.2
0.3
0.4
0.5
0
4
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
0.2
0.4
0.6
0.8
1.0
1.2
0.3
f=1MHz
I
E=0/IC=0
T
a=25
℃
20
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
1
3
REVERSE VOLTAGE V (V)
COMMON EMITTER
V
CE=2V
2
I
C
T
a=25
℃
T
a=100
℃
0.3
COLLECTOR CURRENT I
C
(A)
V
BE
I
C
——
COMMON EMITTER
V
CE=2V
2
T
a=100
℃
T
a=25
℃
0.6
0.8
BASE-EMMITER VOLTAGE V
BE (V)
P
C
——
T
a
50
75
100
AMBIENT TEMPERATURE T
a
(℃)
h
FE
——
2
β=20
T
a=100
℃
T
a=25
℃
I
C
V
CEsat
——
0.3
COLLECTOR CURRENT I
C
(A)
4.0mA
3.6mA
3.2mA
2.8mA
2.4mA
2.0mA
1.6mA
1.2mA
Static Characteristic
0.8mA
I
B=0.4mA
COMMON EMITTER
T
a=25
℃
12
3
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
0.3
2
β=20
I
C
V
BEsat
——
T
a=100
℃
T
a=25
℃
0.3
COLLECTOR CURRENT I
C
(A)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com