Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP32 Datasheet(PDF) 15 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 15 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
2.2 Pin Description
Table 1: Pin Description
Name
No.
Type
Function
Analog
VDDA
1
P
Analog power supply (2.3 V
∼ 3.6 V)
LNA_IN
2
I/O
RF input and output
VDD3P3
3
P
Analog power supply (2.3 V
∼ 3.6 V)
VDD3P3
4
P
Analog power supply (2.3 V
∼ 3.6 V)
VDD3P3_RTC
SENSOR_VP
5
I
GPIO36, ADC1_CH0,
RTC_GPIO0
SENSOR_CAPP
6
I
GPIO37, ADC1_CH1,
RTC_GPIO1
SENSOR_CAPN
7
I
GPIO38, ADC1_CH2,
RTC_GPIO2
SENSOR_VN
8
I
GPIO39, ADC1_CH3,
RTC_GPIO3
CHIP_PU
9
I
High: On; enables the chip
Low: Off; the chip powers off
Note: Do not leave the CHIP_PU pin floating.
VDET_1
10
I
GPIO34, ADC1_CH6,
RTC_GPIO4
VDET_2
11
I
GPIO35, ADC1_CH7,
RTC_GPIO5
32K_XP
12
I/O
GPIO32, ADC1_CH4,
RTC_GPIO9,
TOUCH9,
32K_XP (32.768 kHz crystal oscillator input)
32K_XN
13
I/O
GPIO33, ADC1_CH5,
RTC_GPIO8,
TOUCH8,
32K_XN (32.768 kHz crystal oscillator output)
GPIO25
14
I/O
GPIO25, ADC2_CH8,
RTC_GPIO6,
DAC_1,
EMAC_RXD0
GPIO26
15
I/O
GPIO26, ADC2_CH9,
RTC_GPIO7,
DAC_2,
EMAC_RXD1
GPIO27
16
I/O
GPIO27, ADC2_CH7,
RTC_GPIO17, TOUCH7,
EMAC_RX_DV
MTMS
17
I/O
GPIO14, ADC2_CH6,
RTC_GPIO16, TOUCH6,
EMAC_TXD2,
HSPICLK,
HS2_CLK,
SD_CLK,
MTMS
MTDI
18
I/O
GPIO12, ADC2_CH5,
RTC_GPIO15, TOUCH5,
EMAC_TXD3,
HSPIQ,
HS2_DATA2, SD_DATA2,
MTDI
VDD3P3_RTC
19
P
Input power supply for RTC IO (2.3 V
∼ 3.6 V)
MTCK
20
I/O
GPIO13, ADC2_CH4,
RTC_GPIO14, TOUCH4,
EMAC_RX_ER,
HSPID,
HS2_DATA3, SD_DATA3,
MTCK
MTDO
21
I/O
GPIO15, ADC2_CH3,
RTC_GPIO13, TOUCH3,
EMAC_RXD3,
HSPICS0,
HS2_CMD,
SD_CMD,
MTDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com