Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMD21J Datasheet(PDF) 17 Page - Microchip Technology

Part # SAMD21J
Description  32-bit ARM-Based Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMD21J Datasheet(HTML) 17 Page - Microchip Technology

Back Button SAMD21J Datasheet HTML 13Page - Microchip Technology SAMD21J Datasheet HTML 14Page - Microchip Technology SAMD21J Datasheet HTML 15Page - Microchip Technology SAMD21J Datasheet HTML 16Page - Microchip Technology SAMD21J Datasheet HTML 17Page - Microchip Technology SAMD21J Datasheet HTML 18Page - Microchip Technology SAMD21J Datasheet HTML 19Page - Microchip Technology SAMD21J Datasheet HTML 20Page - Microchip Technology SAMD21J Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
4.
Block Diagram
6 x SERCOM
8 x Timer Counter
REAL TIME
COUNTER
AHB-APB
BRIDGE C
M
M
HIGH SPEED
BUS MATRIX
WATCHDOG
TIMER
SERIAL
WIRE
SWDIO
S
CORTEX-M0+
PROCESSOR
Fmax 48 MHz
SWCLK
DEVICE
SERVICE
UNIT
AHB-APB
BRIDGE A
20-CHANNEL
12-bit ADC 350KSPS
AIN[19..0]
VREFA
AIN[3..0]
S
SRAM
CONTROLLER
32/16/8/4KB
RAM
M
RESET
CONTROLLER
SLEEP
CONTROLLER
CLOCK
CONTROLLER
POWER MANAGER
RESETN
5 x TIMER / COUNTER
S
6 x SERCOM
2 ANALOG
COMPARATORS
SYSTEM CONTROLLER
XOUT
XIN
XOUT32
XIN32
OSCULP32K
OSC32K
OSC8M
DFLL48M
BOD33
XOSC32K
XOSC
VREF
X[15..0]
Y[15..0]
PERIPHERAL
TOUCH
CONTROLLER
PERIPHERAL
ACCESS CONTROLLER
AHB-APB
BRIDGE B
VREFA
VOUT
10-bit DAC
EXTERNAL INTERRUPT
CONTROLLER
PERIPHERAL
ACCESS CONTROLLER
PERIPHERAL
ACCESS CONTROLLER
EXTINT[15..0]
NMI
GCLK_IO[7..0]
S
PAD0
WO1
PAD1
PAD2
PAD3
WO0
VREFB
256/128/64/32KB
NVM
NVM
CONTROLLER
Cache
S
DMA
USB FS
DEVICE
MINI-HOST
DP
DM
3x TIMER / COUNTER
FOR CONTROL
WOn
IOBUS
FDPLL96M
DMA
DMA
DMA
DMA
DMA
MCK[1..0]
SCK[1..0]
INTER-IC
SOUND
CONTROLLER
SD[1..0]
FS[1..0]
DMA
SOF 1KHZ
WO0
WO1
(2)
GENERIC CLOCK
CONTROLLER
CMP[1..0]
1.
Some products have different number of SERCOM instances, Timer/Counter instances, PTC
signals and ADC signals. Refer to the Configuration Summary for details.
2.
The three TCC instances have different configurations, including the number of Waveform Output
(WO) lines. Refer to the TCC Configuration for details.
32-bit ARM-Based Microcontrollers
© 2017 Microchip Technology Inc.
Datasheet Summary
40001884A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com