Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMG55 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # SAMG55
Description  SMART ARM-based Microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMG55 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button SAMG55 Datasheet HTML 10Page - ATMEL Corporation SAMG55 Datasheet HTML 11Page - ATMEL Corporation SAMG55 Datasheet HTML 12Page - ATMEL Corporation SAMG55 Datasheet HTML 13Page - ATMEL Corporation SAMG55 Datasheet HTML 14Page - ATMEL Corporation SAMG55 Datasheet HTML 15Page - ATMEL Corporation SAMG55 Datasheet HTML 16Page - ATMEL Corporation SAMG55 Datasheet HTML 17Page - ATMEL Corporation SAMG55 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
4.1.3.
Current Measurement Header
An angled 1x2, 100mil pin-header marked with MCU current measurement is located at the upper edge of
the SAM G55 Xplained Pro. All power to the ATSAMG55J19 is routed through this header. To measure
the power consumption of the device remove the jumper and replace it with an ammeter.
Caution:  Removing the jumper from the pin-header while the kit is powered may cause the
ATSAMG55J19 to be powered through its I/O pins. This may cause permanent damage to the
device.
4.2.
Peripherals
4.2.1.
Crystals
The SAM G55 Xplained Pro kit contains a 32kHz crystal mounted on it along with a footprint for a second
crystal. The crystal circuit has a cut-strap next to it which can measure the oscillator safety factor. This is
performed by cutting the strap and adding a resistor across the strap. More information about oscillator
allowance and safety factor can be found in application note AVR4100.
Table 4-5. External 32.768kHz Crystal
Pin on SAM G55
Function
PA07
XIN32
PA08
XOUT32
The additional crystal's pins are shared with the TWI lines in EXT3. Remove the 0Ω resistors R307 and
R306 before mounting this crystal.
Table 4-6. Footprint for Additional Crystal
Pin on SAM G55
Function
PB09
XIN
PB08
XOUT
4.2.2.
Mechanical Buttons
The SAM G55 Xplained Pro contains two mechanical buttons. One button is the RESET button
connected to the SAM G55 reset line and the other is a generic user configurable button. When a button
is pressed it will drive the I/O line to GND.
Table 4-7. Mechanical Buttons
Pin on SAM G55
Silkscreen Text
NRST
RESET
PA02
SW0
4.2.3.
LED
An yellow LED is available on the SAM G55 Xplained Pro board. The LED can be activated by driving the
connected I/O line to GND.
Atmel SAM G55 Xplained Pro [USER GUIDE]
Atmel-42389B-SAM-G55-Xplained-Pro_User Guide-04/2016
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com