Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMG55 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # SAMG55
Description  SMART ARM-based Microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMG55 Datasheet(HTML) 3 Page - ATMEL Corporation

  SAMG55 Datasheet HTML 1Page - ATMEL Corporation SAMG55 Datasheet HTML 2Page - ATMEL Corporation SAMG55 Datasheet HTML 3Page - ATMEL Corporation SAMG55 Datasheet HTML 4Page - ATMEL Corporation SAMG55 Datasheet HTML 5Page - ATMEL Corporation SAMG55 Datasheet HTML 6Page - ATMEL Corporation SAMG55 Datasheet HTML 7Page - ATMEL Corporation SAMG55 Datasheet HTML 8Page - ATMEL Corporation SAMG55 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1.
Introduction
1.1.
Features
•
Atmel ATSAMG55J19 microcontroller
•
Embedded debugger (EDBG)
–
USB interface
–
Programming and debugging (target) through Serial Wire Debug (SWD)
–
Virtual COM-port interface to target via UART
–
Atmel Data Gateway interface (DGI) to target via USART or TWI
–
Four GPIOs connected to target for code instrumentation
–
Target USB connection with Host and Device support
•
Digital I/O
–
Two mechanical buttons (including one reset button)
–
One user LED
–
Three extension headers
–
I2C interface for SAM G55 high speed I2C slave
•
Three possible power sources
–
External power
–
Embedded debugger USB
–
Target USB
•
32kHz crystal
1.2.
Kit Overview
The Atmel SAM G55 Xplained Pro evaluation kit is a hardware platform to evaluate the Atmel
ATSAMG55J19.
The kit offers a set of features that enables the SAM G55 user to get started using the SAM G55's
peripherals right away and to get an understanding of how to integrate the SAM G55 in their own design.
Atmel SAM G55 Xplained Pro [USER GUIDE]
Atmel-42389B-SAM-G55-Xplained-Pro_User Guide-04/2016
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com