Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMV71Q21 Datasheet(PDF) 21 Page - Microchip Technology

Part # SAMV71Q21
Description  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV71Q21 Datasheet(HTML) 21 Page - Microchip Technology

Back Button SAMV71Q21 Datasheet HTML 17Page - Microchip Technology SAMV71Q21 Datasheet HTML 18Page - Microchip Technology SAMV71Q21 Datasheet HTML 19Page - Microchip Technology SAMV71Q21 Datasheet HTML 20Page - Microchip Technology SAMV71Q21 Datasheet HTML 21Page - Microchip Technology SAMV71Q21 Datasheet HTML 22Page - Microchip Technology SAMV71Q21 Datasheet HTML 23Page - Microchip Technology SAMV71Q21 Datasheet HTML 24Page - Microchip Technology SAMV71Q21 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Affected Silicon Revisions
A
B
X
10.4
MCAN_PSR Register
In Revision A silicon, the content of the MCAN Protocol Status register differs from the content in the
current device data sheet.
•
PXE bit is not available
•
RFDF bit is named REDL
•
DLEC[2:0] bits are named FLEC[2:0]
Workaround
None.
Affected Silicon Revisions
A
B
X
10.5
MCAN_IR Register
In Revision A silicon, the content of the MCAN Interrupt register differs from the content in the current
device data sheet.
•
STE and FOE bits are present
•
ARA bit is replaced by the ACKE bit
•
PED bit is replaced by the BE bit
•
PEA bit is replaced by the CRCE bit
Workaround
None.
Affected Silicon Revisions
A
B
X
10.6
MCAN_IE Register
On Revision A silicon, the content in the MCAN Interrupt Enable register does not match the content in
the current device data sheet.
•
STEE and FOEE bits are present
•
ARAE bit is replaced by the ACKEE bit
SAM E70/S70/V70/V71 Family
Controller Area Network (MCAN)
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com