Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 76 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 76 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 72Page - Exar Corporation XRT79L71IB Datasheet HTML 73Page - Exar Corporation XRT79L71IB Datasheet HTML 74Page - Exar Corporation XRT79L71IB Datasheet HTML 75Page - Exar Corporation XRT79L71IB Datasheet HTML 76Page - Exar Corporation XRT79L71IB Datasheet HTML 77Page - Exar Corporation XRT79L71IB Datasheet HTML 78Page - Exar Corporation XRT79L71IB Datasheet HTML 79Page - Exar Corporation XRT79L71IB Datasheet HTML 80Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 441 page
background image
XRT79L71
PRELIMINARY
áç
áç
áç
áç
REV. P1.0.3
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
64
0x0513
Receive UTOPIA Port Address Register
0x0514 - 0x0516
Reserved
0x0517
Receive UTOPIA Port Number Register
R/W
0x00
0x0518 - 0x0580
Reserved
0x0581
Transmit POS-PHY Control Register - Byte 1
R/W
0x00
0x0582
Transmit POS-PHY Control Register - Byte 0
R/W
0x00
0x0583
Transmit UTOPIA Control Register
R/W
0x00
0x0584 - 0x0592
Reserved
0x0593
Transmit UTOPIA Port Address Register
R/W
0x00
0x0594 - 0x0596
Reserved
0x0597
Transmit UTOPIA Port Number Register
R/W
0x00
CLEAR-CHANNEL FRAMER BLOCK REGISTERS
ADDRESS LOCATION
REGISTER NAME
TYPE
DEFAULT
VALUE
CHANNEL CONTROL REGISTERS
CLEAR-CHANNEL FRAMER BLOCK REGISTERS
0x1100
Operating Mode Register
R/W
0x2B
0x1101
I/O Control Register
R/W
0xC0
0x1102 - 0x1103
Reserved
0x1104
Block Interrupt Enable Register
R/W
0x00
0x1105
Block Interrupt Status Register
R/O
0x00
0x1106 - 0x110B
Reserved
0x110C
DS3 Test Register
R/W
0x00
0x110D
Payload HDLC Control Register
R/W
0x00
0x110E - 0x110F
Reserved
0x1110
RxDS3 Configuration and Status RegisterRxE3 Configuration and Status
Register # 1 (G.832 & G.751)
R/O
0x12
0x1111
RxDS3 Status RegisterRxE3 Configuration and Status Register # 2
(G.832 & G.751)
R/O
0x00
0x1112
RxDS3 Interrupt Enable RegisterRxE3 Interrupt Enable Register 1
(G.832 & G751)
R/W
0x00
0x1113
RxDS3 Interrupt Status RegisterRxE3 Interrupt Enable Register # 2
(G.832 & G.751)
RUR
0x00
COMMONCONTROL REGISTERS OF THE XRT79L71
ADDRESS LOCATION
REGISTER NAME
TYPE
DEFAUL
VALUE
COMMON CONTROL REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com