Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 4Page - Exar Corporation XRT79L71IB Datasheet HTML 5Page - Exar Corporation XRT79L71IB Datasheet HTML 6Page - Exar Corporation XRT79L71IB Datasheet HTML 7Page - Exar Corporation XRT79L71IB Datasheet HTML 8Page - Exar Corporation XRT79L71IB Datasheet HTML 9Page - Exar Corporation XRT79L71IB Datasheet HTML 10Page - Exar Corporation XRT79L71IB Datasheet HTML 11Page - Exar Corporation XRT79L71IB Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 441 page
background image
XRT79L71
PRELIMINARY
áç
áç
áç
áç
REV. P1.0.3
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
5
TXE3 TTB-1 REGISTER - G.832 (DIRECT ADDRESS = 0X1139) .................................................................215
TXE3 TTB-2 REGISTER - G.832 (DIRECT ADDRESS = 0X113A) ..................................................................216
TXE3 TTB-3 REGISTER - G.832 (DIRECT ADDRESS = 0X113B) ..................................................................216
TXE3 TTB-4 REGISTER - G.832 (DIRECT ADDRESS = 0X113C)..................................................................216
TXE3 TTB-5 REGISTER - G.832 (DIRECT ADDRESS = 0X113D)..................................................................217
TXE3 TTB-6 REGISTER - G.832 (DIRECT ADDRESS = 0X113E) ..................................................................217
TXE3 TTB-7 REGISTER - G.832 (DIRECT ADDRESS = 0X113F) ..................................................................217
TXE3 TTB-8 REGISTER - G.832 (DIRECT ADDRESS = 0X1140) .................................................................218
TXE3 TTB-9 REGISTER - G.832 (DIRECT ADDRESS = 0X1141) ..................................................................218
TXE3 TTB-10 REGISTER - G.832 (DIRECT ADDRESS = 0X1142) ................................................................218
TXE3 TTB-11 REGISTER - G.832 (DIRECT ADDRESS = 0X1143) ................................................................219
TXE3 TTB-12 REGISTER - G.832 (DIRECT ADDRESS = 0X1144) ................................................................219
TXE3 TTB-13 REGISTER - G.832 (DIRECT ADDRESS = 0X1145) ................................................................219
TXE3 TTB-14 REGISTER - G.832 (DIRECT ADDRESS = 0X1146) ................................................................219
TXE3 TTB-15 REGISTER - G.832 (DIRECT ADDRESS = 0X1147) ................................................................220
TXE3 FA1 ERROR MASK REGISTER - G.832 (DIRECT ADDRESS = 0X1148) ................................................220
TXE3 FA2 ERROR MASK REGISTER - G.832 (DIRECT ADDRESS = 0X1149) ................................................221
TXE3 BIP-8 ERROR MASK REGISTER - G.832 (DIRECT ADDRESS = 0X114A) .............................................221
PERFORMANCE MONITOR REGISTERS .........................................................................................................223
PMON EXCESSIVE ZERO COUNT REGISTERS - MSB (DIRECT ADDRESS = 0X114E) ....................................223
PMON EXCESSIVE ZERO COUNT REGISTERS - LSB (DIRECT ADDRESS = 0X114F) .....................................223
PMON LINE CODE VIOLATION COUNT REGISTERS - MSB (DIRECT ADDRESS = 0X1150) .............................224
PMON LINE CODE VIOLATION COUNT REGISTERS - LSB (DIRECT ADDRESS = 0X1151) ..............................224
PMON FRAMING BIT/BYTE ERROR COUNT REGISTER - MSB (DIRECT ADDRESS = 0X1152) ........................225
PMON FRAMING BIT/BYTE ERROR COUNT REGISTER - LSB (DIRECT ADDRESS = 0X1153) .........................226
PMON PARITY/P-BIT ERROR COUNT REGISTER - MSB (DIRECT ADDRESS = 0X1154) ................................226
PMON PARITY/P-BIT ERROR COUNT REGISTER - LSB (DIRECT ADDRESS = 0X1155) .................................227
PMON FEBE EVENT COUNT REGISTER - MSB (DIRECT ADDRESS = 0X1156) ............................................227
PMON FEBE EVENT COUNT REGISTER - LSB (DIRECT ADDRESS = 0X1157) .............................................228
PMON CP-BIT ERROR COUNT REGISTER - MSB (DIRECT ADDRESS = 0X1158) .........................................228
PMON CP-BIT ERROR COUNT REGISTER - LSB (DIRECT ADDRESS = 0X1159) ..........................................229
PRBS ERROR COUNT REGISTER - MSB (DIRECT ADDRESS = 0X1168).......................................................229
PRBS ERROR COUNT REGISTER - LSB (DIRECT ADDRESS = 0X1169) .......................................................230
PMON HOLDING REGISTER (DIRECT ADDRESS = 0X116C) .........................................................................230
ONE SECOND ERROR STATUS REGISTER (DIRECT ADDRESS = 0X116D) .....................................................231
ONE SECOND - LCV COUNT ACCUMULATOR REGISTER - MSB (DIRECT ADDRESS = 0X116E) .....................232
ONE SECOND - LCV COUNT ACCUMULATOR REGISTER - LSB (DIRECT ADDRESS = 0X116F) ......................232
ONE SECOND - PARITY ERROR ACCUMULATOR REGISTER - MSB (DIRECT ADDRESS = 0X1170)..................233
ONE SECOND - PARITY ERROR ACCUMULATOR REGISTER - LSB (DIRECT ADDRESS = 0X1171)...................234
ONE SECOND - CP BIT ERROR ACCUMULATOR REGISTER - MSB (DIRECT ADDRESS = 0X1172)..................234
ONE SECOND - CP BIT ERROR ACCUMULATOR REGISTER - LSB (DIRECT ADDRESS = 0X1173)...................235
GENERAL PURPOSE I/O PIN CONTROL REGISTERS......................................................................................236
LINE INTERFACE DRIVE REGISTER (DIRECT ADDRESS = 0X1180) ................................................................236
LINE INTERFACE SCAN REGISTER (DIRECT ADDRESS = 0X1181) .................................................................238
LAPD CONTROLLER BYTE COUNT REGISTERS............................................................................................239
TXLAPD BYTE COUNT REGISTER (DIRECT ADDRESS = 0X1183).................................................................239
RXLAPD BYTE COUNT REGISTER (DIRECT ADDRESS = 0X1184) ................................................................239
RECEIVE DS3/E3 INTERRUPT STATUS REGISTER - SECONDARY FRAME SYNCHRONIZER BLOCK (DIRECT ADDRESS
= 0X11F9).................................................................................................................................................240
THE RECEIVE ATM CELL PROCESSOR BLOCK .......................................................242
TABLE 17: RECEIVE ATM CELL PROCESSOR/PPP PROCESSOR BLOCK - REGISTER/ADDRESS MAP ............................................... 242
RECEIVE ATM CELL PROCESSOR BLOCK - RECEIVE ATM CONTROL REGISTER - BYTE 3 (ADDRESS = 0X1700) .
246
RECEIVE ATM CELL PROCESSOR BLOCK - RECEIVE ATM CONTROL REGISTER - BYTE 2 (ADDRESS = 0X1701) .
246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com