Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K148HAT0VLHT Datasheet(PDF) 51 Page - NXP Semiconductors

Part # FS32K148HAT0VLHT
Description  Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K148HAT0VLHT Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button FS32K148HAT0VLHT Datasheet HTML 47Page - NXP Semiconductors FS32K148HAT0VLHT Datasheet HTML 48Page - NXP Semiconductors FS32K148HAT0VLHT Datasheet HTML 49Page - NXP Semiconductors FS32K148HAT0VLHT Datasheet HTML 50Page - NXP Semiconductors FS32K148HAT0VLHT Datasheet HTML 51Page - NXP Semiconductors FS32K148HAT0VLHT Datasheet HTML 52Page - NXP Semiconductors FS32K148HAT0VLHT Datasheet HTML 53Page - NXP Semiconductors FS32K148HAT0VLHT Datasheet HTML 54Page - NXP Semiconductors FS32K148HAT0VLHT Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
Table 39. QuadSPI electrical specifications
FLASH PORT
Sym
Unit
FLASH A
FLASH B
RUN1
HSRUN1
RUN/HSRUN2
QuadSPI Mode
SDR
SDR
SDR
DDR3
Internal
Sampling
Internal DQS
Internal
Sampling
Internal DQS
Internal
Sampling
External DQS
N1
PAD
Loopback
Internal
Loopback
N1
PAD
Loopback
Internal
Loopback
N1
External DQS
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Register Settings
MCR[DDR_EN]
-
0
0
0
0
0
0
0
1
MCR[DQS_EN]
-
0
1
1
0
1
1
0
1
MCR[SCLKCFG[0]]
-
-
1
0
-
1
0
-
-
MCR[SCLKCFG[1]]
-
-
1
0
-
1
0
-
-
MCR[SCLKCFG[2]]
-
-
-
-
-
-
-
-
0
MCR[SCLKCFG[3]]
-
-
-
-
-
-
-
-
0
MCR[SCLKCFG[5]]
-
0
0
0
0
0
0
0
1
SMPR[FSPHS]
-
0
1
0
0
1
0
0
0
SMPR[FSDLY]
-
0
0
0
0
0
0
0
0
SOCCR
[SOCCFG[7:0]]
-
0
23
-
0
30
-
-
SOCCR[SOCCFG[15:8]]
-
-
-
-
-
-
-
-
30
FLSHCR[TDH]
-
0x00
0x00
0x00
0x00
0x00
0x00
0x00
0x01
Timing Parameters
SCK Clock Frequency
fSCK
MHz
-
38
-
64
-
48
-
40
-
80
-
50
-
20
-
204
SCK Clock Period
tSCK
ns
-
-
-
-
-
-
50.0
-
50.04
-
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com