Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7648 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP7648
Description  Low Reference High Efficiency Boost Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP7648 Datasheet HTML 4Page - Sipex Corporation SP7648 Datasheet HTML 5Page - Sipex Corporation SP7648 Datasheet HTML 6Page - Sipex Corporation SP7648 Datasheet HTML 7Page - Sipex Corporation SP7648 Datasheet HTML 8Page - Sipex Corporation SP7648 Datasheet HTML 9Page - Sipex Corporation SP7648 Datasheet HTML 10Page - Sipex Corporation SP7648 Datasheet HTML 11Page - Sipex Corporation SP7648 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Date: 7/20/05
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© Copyright 2005 Sipex Corporation
Startup 700mA Flash, Vin = 3.6V, Vout = 3.65V
Startup 200mA Torch, Vin = 3.6V, Vout = 3.9V
Ripple 700mA Flash, Vin = 3.6V, Vout = 3.65V
Ripple 200mA Torch, Vin = 3.6V, Vout = 3.9V
TYPICAL PERFORMANCE CHARACTERISTICS
Ch1 = SHDN (5V/div)
Ch2 = Vout (1V/div)
Ch4 = Iin (1A/div)
Ch1 = Vin (AC)
100mV/div
Ch2 = Vout (AC)
100mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com