Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7648 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7648
Description  Low Reference High Efficiency Boost Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP7648 Datasheet HTML 2Page - Sipex Corporation SP7648 Datasheet HTML 3Page - Sipex Corporation SP7648 Datasheet HTML 4Page - Sipex Corporation SP7648 Datasheet HTML 5Page - Sipex Corporation SP7648 Datasheet HTML 6Page - Sipex Corporation SP7648 Datasheet HTML 7Page - Sipex Corporation SP7648 Datasheet HTML 8Page - Sipex Corporation SP7648 Datasheet HTML 9Page - Sipex Corporation SP7648 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Date: 7/20/05
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© Copyright 2005 Sipex Corporation
THEORY OF OPERATION
Figure 1. Inductor Current vs. Load
At light loads (as shown in plot A in Figure 1)
the charge cycle will last the maximum value
for
t
ON: For a 3V battery this would be as
follows: TON = KON / VBATT = 3.5VµS/ 3V =
1.17µS. The current built up in the coil during
the charge cycle gets fully discharged in the
discontinuous conduction mode (DCM).
When the current in the coil has reached
zero, the synchronous rectifier switch is
opened and the voltage across the coil (from
VBATT to LX) is shorted internally to eliminate
inductive ringing. With increasing load (as
shown in plot B in Figure 1) this inductor
damping time becomes shorter, because
the output will quickly drop below its regula-
tion point due to heavier load. If the load
current increases further, the SP7648 en-
ters continuous conduction mode (CCM)
where there is always current flowing in the
inductor. The charge time remains at maxi-
mum TON as long as the inductor peak
current limit is not reached as shown in plot
C in Figure 1. The inductor peak current limit
can be programmed by tying a resistor RLIM
from the RLIM pin to ground where:
IPEAK = 1600 / RLIM
When the peak current limit is reached the
charge time is short-cycled. In plot D of
Figure 1, the switch current reaches the
peak current limit during the charge period
which ends the charge cycle and starts the
discharge cycle. However, full load is not yet
achieved because at the end of the mini-
mum discharge time the output was still
within regulation. Maximum load is reached
when this discharge time has shrunk to the
minimum allowed value TOFF as shown in
Plot E of Figure 1.
_____________________ COMPONENT
SELECTION
Selection of capacitors for SP7648 power
supply circuits can be made through the use
of the Component Selection Table. Capaci-
tor equivalent series resistance (ESR) in the
range of 0.2 to 0.3Ω is a requirement for
obtaining sufficient output voltage ripple for
the SP7648 to properly regulate under its
load. For example, in the SP7648 applica-
tion circuit a 10µF, 10V, X5R, surface mount
ceramic output filter capacitor is used.
Ceramic capacitors have an ESR too low to
produce enough output ripple for the SP7648
to regulate the output; therefore, a 0.33Ω
resistor is added in series with the 10µF
capacitor at the VOUT pin. Designers should
select input and output capacitors with a
rating exceeding the inductor current ripple,
which is typically set by the inductor value
and the KON value as given in the following
relationship:
IL(RIPPLE) = KON/L, where KON = 3.5V*µS
Inductor Current vs. Load
Ton Max.
Toff Min.
E. Iripple=Toff* (Vo - Vi)/L
llim
llim
llim
llim
llim
Ton Max.
Ton Max.
Ton Max.
Ton Max.
Toff Min.
Toff Min.
Toff Min.
Toff Min.
D. Toff*= (Vo - Vi)/L<Iripple<Ton*Vi/L
C. Iripple=Ton*Vi/L
B. Iripple=Ton*Vi/L
A. Iripple=Ton*Vi/L
E
D
C
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com