Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85P03 Datasheet(PDF) 3 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 85P03
Description  85A 100V P-channel Enhancement Mode Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

85P03 Datasheet(HTML) 3 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  85P03 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 3 of 10
F85P03
5
Typical characteristics diagrams
1
2
3
4
5
6
7
8
A
B
C
D
8
7
6
5
4
3
2
1
D
C
B
A
Ti t le
N u m b er
R ev i s io n
Si ze
D
D ate:
2 7 -M ay -2 0 1 7
Sh eet
o f
Fi l e:
C :\ U s ers \ A d m in is t rato r\ D es k t o p \ 8 5 P0 3 .d d b
D raw n B y :
0
1
3
4
0
2
3
5
4
2
1
5
0
0.5
1.5
2.0
0
70
1.0
56
14
28
42
4V
0
14
42
0
28
6
56
8
3
-50
0
100
150
0.6
50
1.5
200
1.8
1.2
0.9
1.2
0.2
0.4
1.0
0.6
1
100
0.8
10
0
0.1
50
175
75
125
0
25
150
50
25
2.5
V GS=10 thru 5 V
v
DS -Drai n- Source Vol tage (V)
Figure.1 Output Characterristics
Figure.2 Transfer Characteristics
70
12
15
Figure.3 Rdson-Drain Current
Tj -Ju nction Temperature(℃)
Figure.4 Rdson-Junction Temperature
1.4
1.2
Tj=25℃
Tj=150℃
VSD -S ource Drain Voltage(V)
Figure.5 Source Drain Diode Forward
0
100
75
Tc Case Temperature(℃)
Figure.6 Drain Current VS Case Temperature
V GS=10V
I D =10A
V
GS -Gat e -Sou rce Vol tage ( V)
Tc= 25℃
.
Tc= 125 ℃
.
Tc= -5 5℃
.
I D -Drain-Curre n t(A)
V GS=10V
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com