Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85P03 Datasheet(PDF) 5 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 85P03
Description  85A 100V P-channel Enhancement Mode Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

85P03 Datasheet(HTML) 5 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  85P03 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 85P03 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 5 of 10
F85P03
6
Typical Test Circuit and Waveform
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
B
C
D
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
D
C
B
A
Title
N u mb er
R ev is io n
Size
E
D ate:
2 7 -M ay -2 0 1 7
Sh eet
o f
File:
C :\ U s ers \A dm in is trat or \D es k to p \ 模板\w x d hq x t ( 1) . d db
D raw n B y :
Same Type
50KΩ
DUT
V
DS
200nF
V
12V
200nF
is DUT
GS
V
GS
10V
Q gs
Q
gd
Q g
V
DS
R
L
V
DD
DUT
V
GS
R
G
10V
V
DS
90%
10%
V
GS
td(on)
tr
td(off)
tf
V
DS
I
D
DUT
V
DD
L
10V
R
G
BV
SS
I
AS
V
DD
I
D(t)
V
DS(t)
tp
1) Gate Charge Test Circuit & Waveform
2) Switching Test Circuit & Waveforms
3) Unclamped Inductive Test Circuit & Waveforms
-3mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com