Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5NE60C Datasheet(PDF) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 5NE60C
Description  4.5A 600V N-channel Enhancement Mode Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

5NE60C Datasheet(HTML) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  5NE60C Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 1 of 13
I5NE60C
1
Description
These N-channel Enhanced VDMOSFETs, is obtained by the
self-aligned planar technology which reduce the conduction loss,
improve switching performance and enhance the avalanche
energy. Which accords with the RoHS standard.
2
Features
● Fast Switching
● ESD Improved Capability
● Low ON Resistance(Rdson≤2.5Ω)
● Low Gate Charge(Typical Data:13nC)
● Low Reverse Transfer Capacitances(Typical:2.2pF)
● 100% Single Pulse Avalanche Energy Test
● 100% ΔV
DS Test
3
Applications
● Used in Various Power Switching Circuit for System
Miniaturization and Higher Efficiency.
● Power Switch Circuit of Adaptor and Charger.
4.5A 600V N-channel Enhancement Mode Power MOSFET
4
Electrical Characteristics
4.1 Absolute Maximum Rating(Tc=25℃,unless otherwise noted)
Parameter
Symbol
Value
Units
Maximum Drian-Source DC Voltage
VDS
600
V
Maximum Gate-Drain Voltage
VGS
±30
V
Drain Current(continuous)
ID(T=25℃)
(T=100℃)
4.5
A
3.2
A
Drain Current(Pulsed)
(Note 1)
IDM
18
A
Single Pulse Avalanche Energy
(Note 5)
EAS
200
mJ
Peak Diode Recovery dv/dt
(Note 6)
dv/dt
5
V/ns
Total Dissipation
Ta=25℃
Ptot
2.0
W
TC=25℃
Ptot
75
W
Gate-Source ESD
(HBM-C=100pF,R=1.5KΩ)
VESD(G-S)
3000
V
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-55~150
℃
Maximum Temperature for Soldering
TL
300
℃
VDSS = 600V
RDS(on) (TYP)= 2.0Ω
ID = 4.5A
TO-262


Similar Part No. - 5NE60C

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
5NE60C WXDH-5NE60C Datasheet
1Mb / 13P
4.5A 600V N-channel Enhancement Mode Power MOSFET
5NE60C WXDH-5NE60C Datasheet
1Mb / 13P
4.5A 600V N-channel Enhancement Mode Power MOSFET
5NE60C WXDH-5NE60C Datasheet
1Mb / 13P
4.5A 600V N-channel Enhancement Mode Power MOSFET
5NE60C WXDH-5NE60C Datasheet
1Mb / 13P
4.5A 600V N-channel Enhancement Mode Power MOSFET
5NE60C WXDH-5NE60C Datasheet
1Mb / 13P
4.5A 600V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - 5NE60C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP7N60 PANJIT-PJP7N60 Datasheet
224Kb / 5P
600V N-Channel Enhancement Mode MOSFET
PJP8N60 PANJIT-PJP8N60 Datasheet
181Kb / 5P
600V N-Channel Enhancement Mode MOSFET
logo
Tak Cheong Electronics ...
TFF5N60 TAK_CHEONG-TFF5N60 Datasheet
194Kb / 4P
N-Channel Power MOSFET 4.5A, 600V, 2.4廓
TFP5N60 TAK_CHEONG-TFP5N60 Datasheet
215Kb / 4P
N-Channel Power MOSFET 4.5A, 600V, 2.4廓
logo
Taiwan Semiconductor Co...
TSM60N900 TSC-TSM60N900 Datasheet
957Kb / 9P
600V, 4.5A, 0.9廓 N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
5NE60C WXDH-5NE60C Datasheet
1Mb / 13P
4.5A 600V N-channel Enhancement Mode Power MOSFET
B5NE60C WXDH-B5NE60C Datasheet
1Mb / 13P
4.5A 600V N-channel Enhancement Mode Power MOSFET
D5NE60C WXDH-D5NE60C Datasheet
1Mb / 13P
4.5A 600V N-channel Enhancement Mode Power MOSFET
E5NE60C WXDH-E5NE60C Datasheet
1Mb / 13P
4.5A 600V N-channel Enhancement Mode Power MOSFET
F5NE60C WXDH-F5NE60C Datasheet
1Mb / 13P
4.5A 600V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com