Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5NE60C Datasheet(PDF) 13 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 5NE60C
Description  4.5A 600V N-channel Enhancement Mode Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

5NE60C Datasheet(HTML) 13 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Back Button 5NE60C Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 10Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 11Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 12Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 13Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 13 of 13
I5NE60C
10
Attentions
ROUM Semiconductor Technology CO.,LTD. reserves the right to change the specification without prior
notice! The customer should obtain the latest version of the information before making the order and verify
that the information is complete and up to date.
It is the responsibility of the purchaser for any failure or failure of any semiconductor product under certain
conditions. It is the responsibility of the purchaser to comply with safety standards and to take safety
measures in the system design and machine manufacturing of Roma products in order to avoid potential risk
of failure. Injury or property damage.
Product promotion is endless, our company will be dedicated to provide customers with better products.
11
Appendix
Revision history:
Date
REV.
Description
Page
2017.04.10
1.0
Original



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com