Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F85P03 Datasheet(PDF) 4 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # F85P03
Description  85A 100V P-channel Enhancement Mode Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

F85P03 Datasheet(HTML) 4 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  F85P03 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F85P03 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F85P03 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F85P03 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F85P03 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F85P03 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F85P03 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F85P03 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F85P03 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 4 of 10
I85P03
5
Typical characteristics diagrams(continues)
1
2
3
4
5
6
7
8
A
B
C
D
8
7
6
5
4
3
2
1
D
C
B
A
Ti t le
N u m b er
R ev i s io n
Si ze
D
D ate:
2 7 -M ay -2 0 1 7
Sh eet
o f
Fi l e:
C :\ U s ers \ A d m in is t rato r\ D es k t o p \ 8 5 P0 3 .d d b
D raw n B y :
0
5
25
0
10
4500
15
6000
3000
1500
Ciss
0
150
0
6
60
8
4
2
10
30
90
120
1
5
7
3
9
0.1
1
10
0.01
0.1
1
10
0.001
0.0001
0.00001
0.1
10
100
T o n
T
PD
0.01
1
0.01
0.1
1
10
100
100 mS
10 m S
1 mS
DC
Ta=25℃
Single Pluse
0
50
150
0
75
40
60
20
20
v
DS
-Drain-Source Vol tage (V)
Figure.7 Capacitance
Q
G
-Gate Charge
Figure.8 Gate Charge
VD =50V
I D =20A
Fre que ncy =1MHZ
25
100
125
175
Tc=25℃
Tj -Ju nction Te mpe rature (℃)
Figure.9 Power De-rating
B VDSS Limited
vDS-Drain-Source Vol tage(V)
Figure.10 Safe Operation Area
30
35
7500
1s
10S
100
1000
Squ re Wave Pu lse Du ration(se c)
Figure.11 Normalized Maximum Transient Thermal Impedance
In Descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com