Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP4054H Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP4054H
Description  600mA Standalone Linear Li-Ion Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4054H Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP4054H Datasheet HTML 1Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 2Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 3Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 4Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 5Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 6Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 7Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP4054H-00
Aug.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8
Preliminary Datasheet
LP4054H
600mA Standalone Linear Li-Ion Battery Charger
General Description
The LP4054H is a complete constant-current/constant- voltage
linear charger for single cell lithium-ion batteries. Its SOT23-5
package and low external component count make the LP4054H
ideally suited for portable applications. Furthermore, the
LP4054H is specifically designed to work within USB power
specifications. No external sense resistor is needed, and no
blocking diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge current to
limit the die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V, and
the charge current can be programmed externally with a single
resistor. The LP4054H automatically terminates the charge
cycle when the charge current drops to 1.5/10th the
programmed value after the final float voltage is reached. When
the input supply (wall adapter or USB supply) is removed, the
LP4054H automatically enters a low current state, dropping the
battery drain current to less than 1µA. Other features include
charge current monitor, automatic recharge and a status pin to
indicate charge termination and the presence of an input
voltage.
Order Information
LP4054H
□ □ □
F
:Pb-Free
Package Type
B5:SOT23-5
B6:SOT23-6
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Features
Programmable Charge Current Up to 600mA
No MOSFET, Sense Resistor or Blocking Diode Required
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize
Charge Rate Without Risk of Overheating
4.2V Charge Voltage with ± 1% Accuracy
Charge Current Monitor Output for Gas Gauging
Automatic Recharge
3V Trickle Charge Threshold
Charging OTP
Package in SOT23-5/SOT23-6
Typical Application Circuit
ISET
STAT2
VBAT
STAT1
Battery
CBAT
10uF
VIN
RSET
2K
GND
CIN
10uF
VIN
1Ω
Marking Information
Part
Marking
Package
Shipping
LP4054HB5F
LP4054
HYWX
SOT23-5
3K/REEL
LP4054HB6F
LP4054
HYWX
SOT23-6
3K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch.


Similar Part No. - LP4054H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
logo
Lowpower Semiconductor ...
LP4054 POWER-LP4054 Datasheet
458Kb / 7P
500mA Standalone Linear Li-Ion Battery Charger
Aug.-2017
logo
List of Unclassifed Man...
LP4054B5F ETC-LP4054B5F Datasheet
561Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
logo
Lowpower Semiconductor ...
LP4054B5F POWER-LP4054B5F Datasheet
458Kb / 7P
500mA Standalone Linear Li-Ion Battery Charger
Aug.-2017
More results

Similar Description - LP4054H

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4059 ASIC-TP4059 Datasheet
813Kb / 12P
600mA Linear Li-Ion Battery Charger
TP4067 ASIC-TP4067 Datasheet
736Kb / 14P
3mA-600mA Linear Li-Ion Battery Charger
TP4058 ASIC-TP4058 Datasheet
821Kb / 12P
600mA Linear Li-Ion Battery Charger
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
Standalone Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM8067 HMSEMI-HM8067 Datasheet
1Mb / 14P
3mA-600mA Linear Li-ion battery charger
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
600mA Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com