Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP4054H Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP4054H
Description  600mA Standalone Linear Li-Ion Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4054H Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP4054H Datasheet HTML 1Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 2Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 3Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 4Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 5Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 6Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 7Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LP4054H-00
Aug.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 8
Preliminary Datasheet
LP4054H
Electrical Characteristics
(TA = 25℃. VIN = 5V, unless otherwise noted.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
VIN
Adapter/USB Voltage Range
4.5
5
6.5
V
IIN
Input Supply Current
Standby Mode (Charge Terminated)
50
uA
VFLOAT
Regulated Output (Float) Voltage
IBAT = 40mA
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RISET = 10K,Current Mode
100
mA
RISET = 2K,Current Mode
500
Standby Mode, VBAT = 4.2V
Sleep Mode, VIN = 0V
±1
uA
VTRIKL
Trickle Charge Threshold Voltage
RISET = 10k, VBAT Rising
3
V
VTRHYS
Trickle Charge Hysteresis Voltage
RISET = 10K
150
mV
ITRIKL
Trickle charge current
VBAT < VTRIKL, RISET =10K
40
mA
VBAT < VTRIKL, RISET=2K
200
VUV
VIN Undervoltage Lockout Threshold
From VIN Low to High
3.8
V
VUVHYS
VIN Undervoltage Lockout Hysteresis
200
mV
VASD
VIN–VBAT Lockout Threshold Voltage
150
mV
ITERM
C/10 Termination Current Threshold
15
% IBAT
VISET
ISET Pin Voltage
RISET = 10K,Charge Mode
1
V
VSTAT
STAT1/STAT2 Pin Output Low Voltage
ISTAT = 5mA
0.5
V
ISTAT
STAT1/2 Pin Weak Pull-Down Current
ICHRG = 5V
5
uA
ΔVRECHRG
Recharge Battery Threshold Voltage
VFLOAT - VRECHRG
200
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com