Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6239 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6239
Description  High Efficiency Boost DC/DC Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6239 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6239 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary Datasheet
LP6239
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 2 of 6
LP6239 Version 0.1 JUL-2019
Typical Application Circuit
VIN
VIN
EN
EN
L1
4.7uH
C1
22uF
C2
10uF
C3
47uF
R1
10
LP6239
FB
GATE
CS
COMP
GND
Rcomp
10k
Ccomp
2nF
R7
10m
R6
500
R5
0
R2
59k
R3
10k
VOUT
Figure 1. Typical Application Circuit of LP6239
Pin Configuration
VIN
1
2
3
4
5
6
7
8
GATE
GND
CS
FB
COMP
NC
EN
Figure 2. SOP-8 Package Top View



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com