Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6239 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6239
Description  High Efficiency Boost DC/DC Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6239 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6239 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary Datasheet
LP6239
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 3 of 6
LP6239 Version 0.1 JUL-2019
Function Block Diagram
CS
Internal
Regulator
UVLO
GATE
Gate
Driver
Control
Logic
OSC
OTP
OCP
UVP
EN
EN
COMP
FB
EA and
Comp.
VIN
GND
Figure 3. Function Block Diagram
Functional Pin Description
Pin NO.
Pin Name
Description
1
VIN
Input Supply Pin. Decouple with 10
μF ceramic capacitor close to the pin.
2
GATE
External NMOS Gate Drive Pin.
3
GND
Ground.
4
CS
Current Sense Input Pin.
5
FB
Regulator Feedback Input. Connect to an external resistive to set the output current.
6
COMP
Regulator Error Amplifier Compensation Pin.
7
NC
No Connection.
8
EN
Chip Enable Control.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com