Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2MDL Datasheet(PDF) 14 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 10Page - STMicroelectronics LIS2MDL Datasheet HTML 11Page - STMicroelectronics LIS2MDL Datasheet HTML 12Page - STMicroelectronics LIS2MDL Datasheet HTML 13Page - STMicroelectronics LIS2MDL Datasheet HTML 14Page - STMicroelectronics LIS2MDL Datasheet HTML 15Page - STMicroelectronics LIS2MDL Datasheet HTML 16Page - STMicroelectronics LIS2MDL Datasheet HTML 17Page - STMicroelectronics LIS2MDL Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Module specifications
LIS2MDL
14/41
DocID030621 Rev 5
2.5
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Note:
Supply voltage on any pin should never exceed 4.8 V.
Table 9. Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 4.8
V
Vdd_IO
I/O pins supply voltage
-0.3 to 4.8
V
Vin
Input voltage on any control pin
(CS, SCL/SPC, SDA/SDI/SDO)
-0.3 to Vdd_IO +0.3
V
MEF
Maximum exposed field
10000
gauss
TOP
Operating temperature range
-40 to +85
°C
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection (HBM)
2
kV
This device is sensitive to mechanical shock, improper handling can cause
permanent damage to the part.
This device is sensitive to electrostatic discharge (ESD), improper handling can
cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com