Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2MDL Datasheet(PDF) 26 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 22Page - STMicroelectronics LIS2MDL Datasheet HTML 23Page - STMicroelectronics LIS2MDL Datasheet HTML 24Page - STMicroelectronics LIS2MDL Datasheet HTML 25Page - STMicroelectronics LIS2MDL Datasheet HTML 26Page - STMicroelectronics LIS2MDL Datasheet HTML 27Page - STMicroelectronics LIS2MDL Datasheet HTML 28Page - STMicroelectronics LIS2MDL Datasheet HTML 29Page - STMicroelectronics LIS2MDL Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Digital interfaces
LIS2MDL
26/41
DocID030621 Rev 5
6.2.2
SPI read
Figure 8. SPI read protocol
The SPI read command is performed with 16 clock pulses. A multiple read is performed by
adding blocks of 8 clock pulses to the previous one. The reading address is automatically
incremented.
bit 0: WRITE bit. The value is 1.
bit 1-7: address AD(6:0). This is the address field of the indexed register.
bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSb first).
A multiple read command is available in 3-wire mode.
CS
SPC
SDI/O
RW
DO7 D O6 DO5 DO4 DO3 DO2 DO1 DO0
AD5
AD 4 AD 3 AD2 AD1
AD 0
AD6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com