Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDL1117S30R Datasheet(PDF) 6 Page - STMicroelectronics

Part # LDL1117S30R
Description  1.2 A high PSRR low-dropout linear voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL1117S30R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LDL1117S30R Datasheet HTML 2Page - STMicroelectronics LDL1117S30R Datasheet HTML 3Page - STMicroelectronics LDL1117S30R Datasheet HTML 4Page - STMicroelectronics LDL1117S30R Datasheet HTML 5Page - STMicroelectronics LDL1117S30R Datasheet HTML 6Page - STMicroelectronics LDL1117S30R Datasheet HTML 7Page - STMicroelectronics LDL1117S30R Datasheet HTML 8Page - STMicroelectronics LDL1117S30R Datasheet HTML 9Page - STMicroelectronics LDL1117S30R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT + 1 V or 2.6 V, whichever is greater; CIN = 1 μF; COUT = 4.7 μF; IOUT = 10 mA.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
2.6
18
V
VUVLO
Turn-on threshold
2.3
2.4
V
Hysteresis
200
mV
VOUT
VOUT accuracy
IOUT = 10 mA, TJ = 25 °C
-2
+2
%
IOUT = 10 mA, -40 °C < TJ < 125°C
-3
+3
%
∆VOUT
Line regulation
VOUT + 1 V (1) ≤ VIN ≤ 18 V,
IOUT = 10 mA -40 °C < TJ< 125 °C
0.002
0.02
%/V
∆VOUT
Load regulation
IOUT = 10 mA to 1.2 A,
- 40 °C < TJ < 125 °C
5
15
mV
VDROP
Dropout voltage (2)
IOUT = 1.2 A, VOUT > 2.5 V
- 40°C < TJ < 125 °C
350
600
mV
eN
Output noise voltage
10 Hz to 100 kHz, IOUT = 100 mA
60
µVRMS/
VOUT
SVR
Supply voltage rejection
VIN = VOUT(NOM) +1 V ± VRIPPLE
VRIPPLE = 0.5 V, f = 120 Hz
87
dB
VIN = VOUT(NOM) +1 V ± VRIPPLE
VRIPPLE = 0.5 V, f = 1 kHz
80
VIN= VOUT(NOM) +1 V ± VRIPPLE
VRIPPLE = 0.5 V, f = 100 kHz
65
IQ
Quiescent current
IOUT = 0 mA to 1.2 A, -40 °C < TJ < 125 °C
250
500
µA
ISC
Output current
1.5
2
A
TSHDN
Thermal shutdown
175
°C
Hysteresis
25
1. VIN = VOUT + 1 V or 2.6 V, whichever is greater.
2. Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value; this
specification does not apply for nominal output voltages below 2.5 V.
LDL1117
Electrical characteristics
DS12022 - Rev 6
page 6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com