Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDL1117S30R Datasheet(PDF) 10 Page - STMicroelectronics

Part # LDL1117S30R
Description  1.2 A high PSRR low-dropout linear voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL1117S30R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LDL1117S30R Datasheet HTML 6Page - STMicroelectronics LDL1117S30R Datasheet HTML 7Page - STMicroelectronics LDL1117S30R Datasheet HTML 8Page - STMicroelectronics LDL1117S30R Datasheet HTML 9Page - STMicroelectronics LDL1117S30R Datasheet HTML 10Page - STMicroelectronics LDL1117S30R Datasheet HTML 11Page - STMicroelectronics LDL1117S30R Datasheet HTML 12Page - STMicroelectronics LDL1117S30R Datasheet HTML 13Page - STMicroelectronics LDL1117S30R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Figure 12. Dropout voltage vs. temperature
Figure 13. Quiescent current vs. temperature (no load)
Figure 14. Quiescent current vs. temperature (600 mA)
Figure 15. Quiescent current vs. temperature (1.2 A)
LDL1117
Typical characteristics
DS12022 - Rev 6
page 10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com