Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP719 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP719
Description  TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP719 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP719 Datasheet HTML 1Page - Toshiba Semiconductor TLP719 Datasheet HTML 2Page - Toshiba Semiconductor TLP719 Datasheet HTML 3Page - Toshiba Semiconductor TLP719 Datasheet HTML 4Page - Toshiba Semiconductor TLP719 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLP719
2003-09-5
1
TOSHIBA PHOTOCOUPLER GaAl As IRED + PHOTO- IC
TLP719
DIGITAL LOGIC GROUND ISOLATION.
LINE RECEIVER.
MICROPROCESSOR SYSTEM INTERFACES.
SWITCHING POWER SUPPLY FEEDBACK CONTROL.
TRANSISTOR INVERTOR.
The TOSHIBA TLP719 consists of a GaAl As high-output light
emitting diode and a high speed detector.
This unit is 6-lead SDIP. TLP719 is 50% smaller than 8PIN DIP
and has suited the safety standard reinforced insulation class.
So mounting area in safety standard required equipment can be reduced.
TLP719 has a Faraday shield integrated on the photodetector chip provides
an effective common mode noise transient immunity.
So this is suitable for application in noisy environmental condition.
• Open Collector
• Package Type
: SDIP6
• Isolation voltage : 5000 Vrms (Min.)
• Common mode Transient Immunity
: ±10kV/us(Min.) @VCM=400V
• Switching speed : tpHL = 0.8µs , tpLH = 0.8µs (Max.)
@
IF = 16mA ,VCC = 5V,
RL = 1.9kO ,Ta = 25°C
• TTL Compatible
• Construction Mechanical Rating
7.62 mm pich
standard type
10.16 mm pich
TLPXXXF type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (Min)
7.0 mm (Min)
0.4 mm (Min)
8.0 mm (Min)
8.0 mm (Min)
0.4 mm (Min)
4.58
9.7±0.3
0.4
1.27
1.25
7.62±0.25
TOSHIBA
Weight: ---g
Unit in mm
Preliminary
PIN CONFIGURATION (Top view)
1:ANODE
2:N.C.
3:CATHODE
4:EMITTER(GND)
5:COLLECTOR(OUTPUT)
6:VCC
SHIELD
1
3
4
5
6
2
SCHEMATIC
connected between pins 4 and 6.
SHIELD
1
3
4
5
6
VF
IF
ICC
VCC
VO
GND
IO
A 0.1µF bypass capacitor must be


Similar Part No. - TLP719

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP719 TOSHIBA-TLP719 Datasheet
205Kb / 7P
Microprocessor system interfaces
TLP719F TOSHIBA-TLP719F Datasheet
127Kb / 2P
Digital logic ground isolation
TLP719 TOSHIBA-TLP719_07 Datasheet
205Kb / 7P
Microprocessor system interfaces
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
More results

Similar Description - TLP719

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com