Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1640CT Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # MBR1640CT
Description  Schottky Barrier Recitifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MBR1640CT Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  MBR1640CT Datasheet HTML 1Page - HY ELECTRONIC CORP. MBR1640CT Datasheet HTML 2Page - HY ELECTRONIC CORP. MBR1640CT Datasheet HTML 3Page - HY ELECTRONIC CORP. MBR1640CT Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.hygroup.com.tw
Features
TO-220AB
●
Low forward voltage drop
●
High current capabiliity
RoHS
●
High surge capability
COMPLIANT
●
The plastic material carries UL recognition 94V-0
Mechanical Data
●
Case: JEDEC TO-220AB molded plastic
●
Polarity: As marked on the body
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in low vlotage, high frequency inverters, polarity
protection applications.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MBR
MBR
MBR
MBR
MBR
MBR
MBR
1630CT 1640CT 1650CT 1660CT 1680CT 16100CT 16150CT
Maximum Repetitive Peak Reverse Voltage
VRRM
30
40
50
60
80
100
150
V
Maximum RMS Voltage
VRMS
21
28
35
42
56
70
105
V
Maximum DC Blocking Voltage
VDC
30
40
50
60
80
100
150
V
Maximum Average Forward Rectified Current
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load ( JEDEC Method )
Peak Forward Voltage (Note1)
IF=8A @TJ=25℃
1.05
IF=8A @TJ=125℃
0.92
IF=16A @TJ=25℃
-
IF=16A @TJ=125℃
-
Maximum DC Reverse Current @TJ=25℃
at Rated DC Blocking Voltage @TJ=125℃
Typical Junction Capacitance ( Note2 )
CJ
pF
Typical Thermal Resistance Junction to Case
RθJC
℃/W
Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
Notes: 1. 300us pulse width,2% duty cycle. 300uS.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. The typical data above is for reference only.
MBR16*CT-U-00/99-00/01
Rev. 11, 18-May-2020
3.0
-55 to +150
-55 to +175
Characteristics
Symbol
IFSM
VF
IR
Unit
A
V
mA
150
0.3
0.1
10
5.0
400
200
0.72
-
0.95
-
-
0.85
0.7
0.75
0.85
0.57
0.65
0.75
MBR1630CT THRU MBR16150CT
Reverse Voltage - 30 to 150 Volts
Forward Current - 16.0 Amperes
Package Outline Dimensions in Inches (Millimeters)
16.0
Pb
Schottky Barrier Recitifiers


Similar Part No. - MBR1640CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1640CT MCC-MBR1640CT Datasheet
919Kb / 2P
16 Amp Schott ky Barr ier Rectifier 20 to 60 Volts
logo
Shanghai Lunsure Electr...
MBR1640CT CHENYI-MBR1640CT Datasheet
237Kb / 2P
16Amp schottky barrier rectifier 20to60 volts
logo
Pan Jit International I...
MBR1640CT PANJIT-MBR1640CT Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR1640CT MCC-MBR1640CT Datasheet
151Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Rugao Dachang Electroni...
MBR1640CT DACHANG-MBR1640CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
More results

Similar Description - MBR1640CT

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SR830 HY-SR830_V01 Datasheet
433Kb / 3P
Schottky Barrier Recitifiers
SR1030CT HY-SR1030CT_V01 Datasheet
481Kb / 4P
Schottky Barrier Recitifiers
SR1630 HY-SR1630 Datasheet
480Kb / 4P
Schottky Barrier Recitifiers
SR1630CT HY-SR1630CT_V01 Datasheet
482Kb / 4P
Schottky Barrier Recitifiers
SR2030CT HY-SR2030CT_V01 Datasheet
481Kb / 4P
Schottky Barrier Recitifiers
SR3030PT HY-SR3030PT_V01 Datasheet
416Kb / 3P
Schottky Barrier Recitifiers
SRF830 HY-SRF830_V01 Datasheet
435Kb / 3P
Schottky Barrier Recitifiers
SRF1030 HY-SRF1030_V01 Datasheet
477Kb / 4P
Schottky Barrier Recitifiers
MBR2030CT HY-MBR2030CT_V01 Datasheet
495Kb / 4P
Schottky Barrier Recitifiers
MBRF2030CT HY-MBRF2030CT_V01 Datasheet
497Kb / 4P
Schottky Barrier Recitifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com